Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 25 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 25 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 21Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 22Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 24Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 25Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 26Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 27Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 28Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 29Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
25
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
For adjustable output version, the external
resistor divider connected to FB sets the output
voltage (see Figure 4).
RFB1
Vout
FB
MPQ9842
RFB2
Figure 4: Feedback Network
Choose RFB1 first, then RFB2 can be calculated
with Equation (3):
1
0.8V
V
R
R
OUT
FB1
FB2
−
=
(3)
Table
1
lists
the
recommended
feedback
resistor values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
RFB1
(kΩ)
RFB2 (k
Ω)
3.3
41.2 (1%)
13 (1%)
5
68.1 (1%)
13 (1%)
For fixed output version, connect FB pin to the
output directly.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For higher efficiency, choose an inductor with a
lower DC resistance. An inductor with a larger
value results in less ripple current and a lower
output ripple voltage, but also has a larger
physical size, higher series resistance, and
lower saturation current. A good rule for
determining the inductor value is to allow the
inductor ripple current to be approximately 30%
of the maximum load current. The inductance
value can then be calculated with Equation (4):
=
 −

OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
(4)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to be
approximately
30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (5):
=
+
 −
OUT
OUT
LP
LOAD
SW
IN
VV
I
I
(1
)
2f
L
V
(5)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the converter
while maintaining the DC input voltage. For the
best performance, use low ESR capacitors.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients.
For most applications, use a 4.7µF to 10µF
capacitor. It is strongly recommended to use
another lower-value capacitor (e.g.: 0.1µF) with
a small package size (0603) to absorb high-
frequency switching noise. Place the smaller
capacitor as close to VIN and GND as possible.
Since CIN absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated with Equation (6):
=
 −
OUT
OUT
CIN
LOAD
IN
IN
VV
I
I
(1
)
VV
(6)
The worst-case condition occurs at VIN =
2VOUT, shown in Equation (7):
= LOAD
CIN
I
I
2
(7)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The
input
capacitor
can
be
electrolytic,
tantalum, or ceramic. When using electrolytic or
tantalum capacitors, add a small, high-quality
ceramic capacitor (e.g.:
0.1μF) as close to the
IC as possible. When using ceramic capacitors,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com