Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 27 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 27 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 24Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 25Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 26Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 27Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 28Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 29Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 30Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 31Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
27
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
a tradeoff between EMI and efficiency, a ≤20Ω
RBST is recommended.
Hot-Plug Application
In a hot-plug application, the VIN pin may turn
on and off frequently before the power supply
can establish a connection with the IC. In
applications where the input power turns on and
off frequently, the BST capacitor may have a
residual voltage when the IC turns on. This may
turn on the high-side MOSFET (HS-FET) for a
short time before VCC can rise sufficiently high,
which can cause an unexpected overshoot on
VOUT.
To protect the IC, hot-plug applications are not
recommended. If a hot-plug application must be
initiated, use a small BST capacitor (e.g. 47nF),
a large VCC capacitor (e.g. 4.
7μF), and a large
PG resistor (e.g. 1MΩ) to reduce the overshoot
risk. Contact an MPS FAE to confirm the design.
PCB Layout Guidelines (8)
Efficient PCB layout, especially for the input
capacitor
placement,
is
critical
for
stable
operation.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure 7
and follow the guidelines below.
1.
Place symmetric input capacitors as close
to VIN and GND as possible. Recommend
to connect pin1 to GND for symmetric input
structure if in-phase not used. Pin3 and
pin10 are internally connected. Connecting
together on layout or not are both OK.
Recommend to leave pin3 floating for
shorter pin4 and pin1 trace and smaller
input hot loop.
2.
Use a large ground plane to connect to
PGND directly.
3.
Add vias near PGND if the bottom layer is a
ground plane.
4.
Ensure that the high-current paths at GND
and VIN have short, direct, and wide
traces.
5.
Place
the
ceramic
input
capacitor,
especially the small package size (0603)
input bypass capacitor, as close to VIN and
PGND
as
possible
to
minimize
high-
frequency noise.
6.
Keep the connection of the input capacitor
and VIN as short and wide as possible.
7.
Place the VCC capacitor as close to VCC
and GND as possible.
8.
Route SW and BST away from sensitive
analog areas such as FB.
9.
Place the feedback resistors close to the
chip to ensure that the trace connecting to
FB is as short as possible.
10. Use multiple vias to connect the power
planes to internal layers.
NOTE:
8) The recommended PCB layout is based on Figure 8.
Top Layer
Inner Layer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com