Electronic Components Datasheet Search
  English  ▼

X  

MAX77720 Datasheet(PDF) 39 Page - Analog Devices

Part # MAX77720
Description  Wide Output-Voltage Range, Dual- Polarity PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77720 Datasheet(HTML) 39 Page - Analog Devices

Back Button MAX77720 Datasheet HTML 35Page - Analog Devices MAX77720 Datasheet HTML 36Page - Analog Devices MAX77720 Datasheet HTML 37Page - Analog Devices MAX77720 Datasheet HTML 38Page - Analog Devices MAX77720 Datasheet HTML 39Page - Analog Devices MAX77720 Datasheet HTML 40Page - Analog Devices MAX77720 Datasheet HTML 41Page - Analog Devices MAX77720 Datasheet HTML 42Page - Analog Devices MAX77720 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Wide Output-Voltage Range, Dual-
Polarity PMIC
MAX77720
www.analog.com
Analog Devices | 39
10. The controller issues an ACKNOWLEDGE (ACK) signaling the target that it wishes to receive more data.
11. Step 9 to step 10 are repeated as many times as the controller requires. Following the last byte of data, the controller
must issue a NOT ACKNOWLEDGE (NACK) to signal that it wishes to stop receiving data.
12. The controller sends a STOP condition (P) or a REPEATED START condition (Sr). Issuing a STOP condition (P)
ensures that the bus input filters are set for 1MHz or slower operation. Issuing a REPEATED START condition (Sr) leaves
the bus input filters in their current state.
DATA X + 3
1
S
R/W
TARGET ADDRESS
7
0
1
8
REGISTER POINTER X
ACK
1
ACK
1 1
Sr TARGET ADDRESS
7
1
1
8
DATA X
ACK
1
ACK
1
NUMBER
OF BITS
R/W
8
ACK
1
NUMBER
OF BITS
8
DATA X + 2
1
DATA X + 1
ACK
8
1
8
DATA N
NACK
1
8
DATA N - 1
ACK
1
DATA N - 2
ACK
8
1
LEGEND
NUMBER
OF BITS
1
P OR
Sr*
*P FORCES THE BUS FILTERS TO SWITCH TO THEIR 1MHz MODE. SR LEAVES THE
BUS FILTERS IN THEIR CURRENT STATE.
REGISTER POINTER = X + 1
REGISTER POINTER = X + 2
REGISTER POINTER = X + 3
REGISTER POINTER = N - 2
REGISTER POINTER = N - 1
REGISTER POINTER = N
TARGET TO
CONTROLLER
CONTROLLER TO
TARGET
ACK
Figure 21. Reading from Sequential Registers
Applications Information
Inverting Buck-Boost and Boost Enable Options
The MAX77720 offers a high degree of control flexibility. The EN pin can be used to enable both the boost and inverting
buck-boost
with
its
respective
programmed
delays
(CNFG_DLY0.STRTUP_DLY_BST
and
CNFG_DLY1_STRTUP_DLY_IBB). The boost converter can be forced on with no delay by I2C by setting
CNFG_GLBL.FRC_BST_ON = 1. Similarly, the inverting buck-boost converter can also be forced on with no delay through
I2C by setting CNFG_GLBL.FRC_IBB_ON = 1.
Input-Capacitor Selection
Input capacitors reduce current peaks drawn from the battery or input power source and reduce switching noise in the
system. Ceramic capacitors with X5R or X7R dielectric are highly recommended due to their small size, low, ESR, and
small temperature coefficients. Other capacitor types can be used as well, but at a tradeoff of higher ESR.
It is recommended to have a minimum 12μF effective capacitance between the INIBB pin and PGND and a minimum
12μF effective capacitance between the boost inductor and PGND. Both of these capacitors should be placed as close
to the IC as possible.
Additionally, it is recommended to have a 1μF bypass capacitor between the IN pin and AGND. This is to ensure stable
operation of the MAX77720 and to reduce any noise injections that might affect the performance of the IC.
To fully utilize the available input-voltage range of the device (5.5V max), use a input capacitor voltage rating of at least
6.3V).
Inverting Buck-Boost Inductor Selection
The MAX77720 inverting buck-boost converter is optimized for a 3.3μH inductor.
Choose an inductor with a saturation current that is greater than or equal to the maximum peak current limit setting
(IIBB_ILIM).
Consider the DC resistance (DCR), AC resistance (ACR), and package size of the inductor. Typically, smaller sized
inductors have larger DCR and ACR, which reduce efficiency. Refer to the manufacturer data sheet to balance the trade-
offs between DCR, ACR (i.e., core losses), variation with temperature, and component cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com