Electronic Components Datasheet Search
  English  ▼

X  

MAX77720 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX77720
Description  Wide Output-Voltage Range, Dual- Polarity PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77720 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX77720 Datasheet HTML 8Page - Analog Devices MAX77720 Datasheet HTML 9Page - Analog Devices MAX77720 Datasheet HTML 10Page - Analog Devices MAX77720 Datasheet HTML 11Page - Analog Devices MAX77720 Datasheet HTML 12Page - Analog Devices MAX77720 Datasheet HTML 13Page - Analog Devices MAX77720 Datasheet HTML 14Page - Analog Devices MAX77720 Datasheet HTML 15Page - Analog Devices MAX77720 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Wide Output-Voltage Range, Dual-
Polarity PMIC
MAX77720
www.analog.com
Analog Devices | 12
(VIN = 3.6V, VOUTIBB = -18V, VOUTBST = 10V, limits are 100% production tested at TJ= +25°C. Limits over the operating temperature
range (TJ = -40°C to +125°C) and relevant voltage range are guaranteed by design and characterization, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IBB Soft-Start Current
Limit
IIBB_SS
CNFG_DCDC0.SS_IBB = 0x0, VIN =
3.6V
400
mA
CNFG_DCDC0.SS_IBB = 0x1, VIN =
3.6V
600
IBB Active Discharge
Resistance
RIBB_AD
VIN = 3.6V
320
Ω
INVERTING BUCK-BOOST POK
IBB POK Rising
Threshold
VPOK_IBB_R
VOUT_IBB when POK switches,
VOUT_IBB rising
90
%
IBB POK Falling
Threshold
VPOK_IBB_F
VOUT_IBB when POK switches,
VOUT_IBB falling (VOUT_IBB = -18V)
81.7
%
VOUT_IBB when POK switches,
VOUT_IBB falling (VOUT_IBB = -11V)
76.5
IBB Short-Circuit Fault
Rising Threshold
VSC_IBB
Rising, 10μs timer, enabled at 2800μs
after the rail is turned on
40
%
Electrical Characteristics—I2C Serial Interface
(VIN = 3.6V , VOUTIBB = -18V, VOUTBST = 10V, limits are 100% production tested at TJ = +25°C. Limits over the operating temperature
range (TJ = -40°C to +125°C) and relevant voltage range are guaranteed by design and characterization, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O STAGE
SCL, SDA Input High
Voltage
VIH
0.84
V
SCL, SDA Input Low
Voltage
VIL
0.36
V
SDA Output Low
Voltage
VOL
ISINK = 4mA
0.4
V
SCL, SDA Input
Capacitance
CI
6
pF
SCL, SDA Input
Leakage Current
ILK
-10
0.001
+10
µA
I2C-COMPATIBLE INTERFACE TIMING (STANDARD) (Note 5)
Clock Frequency
fSCL
0
1000
kHz
Bus Free Time Between
STOP and START
Condition
tBUSF
0.5
µs
Hold Time (REPEATED)
START Condition
tHD_START
(Note 6)
0.26
µs
SCL Low Period
tLOW
0.5
µs
SCL High Period
tHIGH
0.3
µs
Setup Time REPEATED
START Condition
tSU_START
0.26
µs
DATA Hold Time
tHD_DATA
(Note 7 and Note 8)
0
µs
Setup Time for STOP
condition
tSU_STO
0.26
µs
Pulse Width of
Suppressed Spikes
tSP
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com