Electronic Components Datasheet Search
  English  ▼

X  

MAX77720 Datasheet(PDF) 49 Page - Analog Devices

Part # MAX77720
Description  Wide Output-Voltage Range, Dual- Polarity PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77720 Datasheet(HTML) 49 Page - Analog Devices

Back Button MAX77720 Datasheet HTML 44Page - Analog Devices MAX77720 Datasheet HTML 45Page - Analog Devices MAX77720 Datasheet HTML 46Page - Analog Devices MAX77720 Datasheet HTML 47Page - Analog Devices MAX77720 Datasheet HTML 48Page - Analog Devices MAX77720 Datasheet HTML 49Page - Analog Devices MAX77720 Datasheet HTML 50Page - Analog Devices MAX77720 Datasheet HTML 51Page - Analog Devices MAX77720 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Wide Output-Voltage Range, Dual-
Polarity PMIC
MAX77720
www.analog.com
Analog Devices | 49
BITFIELD
BITS
DESCRIPTION
DECODE
VOUT_IBB
0
This bit acts as the MSB of the 9-bit configuration
for the inverting buck-boost target output voltage
and works alongside address
CNFG_DCDC2.VOUT_IBB.
Note: This bit is latched
to CNFG_DCDC2.VOUT_IBB.
For the user to write using 9 bits, the user must
write first to the CNFG_DCDC1.VOUT_IBB bitfield
before writing to the CNFG_DCDC2.VOUT_IBB
address.
All 9 bits for VOUT_IBB are updated at the same
time when VOUT_IBB[7:0] is written.
0x0: See CNFG_DCDC2.VOUT_IBB for target voltage
settings
CNFG_DCDC2 (0x32)
BIT
7
6
5
4
3
2
1
0
Field
VOUT_IBB[7:0]
Reset
OTP
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
VOUT_IBB
7:0
Inverting Buck-Boost Target Output Voltage
This is a 9-bit configuration with 15mV increments.
This register address works alongside bit 0 of 0x31
register address (CNFG_DCDC1.VOUT_IBB).
Note: For the user to write using 9 bits, the user
must write first to the CNFG_DCDC1.VOUT_IBB
bitfield before writing this register address.
All 9 bits for VOUT_IBB are updated at the same
time when VOUT_IBB[7:0] is written.
Low range: -24.00V to -17.01V
High range: -17.00V to -10.01V
0x000: -17.010V/-10.010V
0x001: -17.010V/-10.010V
...
0x02D: -17.010V/-10.010V
0x02E: -17.025V/-10.025V
...
0x06F: -18.000V/-11.000V
...
0x1FE: -23.985V/-16.985V
0x1FF: -24.000V/-17.000V
CNFG_DLY0 (0x40)
BIT
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com