Electronic Components Datasheet Search
  English  ▼

X  

MAX77720 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX77720
Description  Wide Output-Voltage Range, Dual- Polarity PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77720 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX77720 Datasheet HTML 9Page - Analog Devices MAX77720 Datasheet HTML 10Page - Analog Devices MAX77720 Datasheet HTML 11Page - Analog Devices MAX77720 Datasheet HTML 12Page - Analog Devices MAX77720 Datasheet HTML 13Page - Analog Devices MAX77720 Datasheet HTML 14Page - Analog Devices MAX77720 Datasheet HTML 15Page - Analog Devices MAX77720 Datasheet HTML 16Page - Analog Devices MAX77720 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Wide Output-Voltage Range, Dual-
Polarity PMIC
MAX77720
www.analog.com
Analog Devices | 13
Note 2: Output accuracy does not include load, line, or ripple.
Note 3: This is a static measurement. The actual peak current limit depends upon VIN and the inductor due to propagation delays.
Note 4: Measured opened loop. Propagation delays not included.
Note 5: Design guidance only. Not production tested.
Note 6:
fSCL must meet the minimum clock low time plus the rise/fall times.
Note 7:
The maximum tHD_DATA has to be met only if the device does not stretch the low period (tLOW) of the SCL
signal.
Note 8:
This device internally provides a hold time of at least 100ns for the SDA signal (referred to the minimum VIH of
the SCL signal) to bridge the undefined region of the falling edge of SCL.
Typical Operating Characteristics
VIN = 3.6V, VOUTIBB = -18V, VOUTBST = 10V, limits are 100% production tested at TJ = +25°C. Limits over the operating
temperature range (TJ = -40°C to +125°C) and relevant voltage range are guaranteed by design and characterization,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com