Electronic Components Datasheet Search
  English  ▼

X  

MAX77720 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX77720
Description  Wide Output-Voltage Range, Dual- Polarity PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77720 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX77720 Datasheet HTML 17Page - Analog Devices MAX77720 Datasheet HTML 18Page - Analog Devices MAX77720 Datasheet HTML 19Page - Analog Devices MAX77720 Datasheet HTML 20Page - Analog Devices MAX77720 Datasheet HTML 21Page - Analog Devices MAX77720 Datasheet HTML 22Page - Analog Devices MAX77720 Datasheet HTML 23Page - Analog Devices MAX77720 Datasheet HTML 24Page - Analog Devices MAX77720 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Wide Output-Voltage Range, Dual-
Polarity PMIC
MAX77720
www.analog.com
Analog Devices | 21
POWER-UP DELAY
RESOURCE ON
POWER-DOWN DELAY
SHUTDOWN
VOUTBST/ t
VIBB/ t
0V
0V
tD_BST_UP
BIAS ON
0V
0V
tD_IBB_UP
tD_BST_DN
tD_IBB_DN
EN PIN
VOUT_IBB
VOUT_BST
tSBIAS_EN
BIAS EN
Figure 3. Start-Up Programmable Timing Diagram (Includes EN_Bias Timing with CNFG_GLBL.EN_BIAS = 0)
Soft-Start
The soft-start feature of the device limits inrush current during startup, which is achieved by limiting the slew rate of the
output voltage during startup (dV/dTSS). The MAX77720 soft-start begins when the EN pin is pulled high above VIH and
after the programmed delay for each individual regulator.
The output-voltage ramp rate for the boost regulator is a fixed 7mV/μs. The output-voltage ramp rate for the inverting
buck-boost regulator is dependent on the soft-start current limit setting, input voltage, and output voltage. See the
Electrical Characteristics for typical soft-start ramp rates for the selected settings. The two selectable soft-start current
limits allow for trading power-up time for minimum battery transient impact and should be changed for certain applications.
Shutdown
When the EN pin is pulled low (VEN < VEN_IL), the MAX77720 goes into the shutdown state. While in the shutdown state,
both regulators are not switching but are still programmable through I2C. See Figure 7 and Table 4 for details. The current
consumed in this mode is 235μA if the main bias is on with no regulators enabled.
nERR Error Pin
The error pin (nERR) is an active-low, digital input. When this pin receives a falling edge, the STAT_GLBL.ERR_PIN_S
asserts high and both the boost and the inverting buck-boost converters stop regulating. If the active discharge is disabled,
both regulators remain in a high-Z state, and the rate of discharge depends on the output load condition. To re-enable
the regulators, write a 0 to the CNFG_GLBL.FORCE_DIS bitfield through I2C. Once I2C clears it, both the boost and the
inverting buck-boost converters resume regulation again after the programmed timing startup delay with the programmed
soft-start enabled at any voltage.
Table 2 gives a summary of certain states while Figure 4 displays the output voltages with respect to the nERR pin if the
active discharge is disabled.
Table 2. Error Pin Summary
nERR
PIN
ERROR PIN STATUS
(STAT_GLBL.ERR_PIN_S)
FORCE DISABLE BIT
(CFNG_GLBL.FORCE_DIS)
INVERTING BUCK-BOOST
BOOST
High to
Low
1
1
High-Z
High-Z
Low to
High
0
Keep 1 until I2C clears the
error by writing to a 0
Keep high-Z until I2C clears the
error
Keep high-Z until I2C
clears the error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com