Electronic Components Datasheet Search
  English  ▼

X  

LVC125A Datasheet(PDF) 14 Page - Texas Instruments

Part # LVC125A
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC125A Datasheet(HTML) 14 Page - Texas Instruments

Back Button LVC125A Datasheet HTML 10Page - Texas Instruments LVC125A Datasheet HTML 11Page - Texas Instruments LVC125A Datasheet HTML 12Page - Texas Instruments LVC125A Datasheet HTML 13Page - Texas Instruments LVC125A Datasheet HTML 14Page - Texas Instruments LVC125A Datasheet HTML 15Page - Texas Instruments LVC125A Datasheet HTML 16Page - Texas Instruments LVC125A Datasheet HTML 17Page - Texas Instruments LVC125A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
flash memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and two segments of information memory (A and B) of 128
bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A and B can be erased individually, or as a group with segments 0−n.
Segments A and B are also called information memory.
D New devices may have some bytes programmed in the information memory (needed for test during
manufacturing). The user should perform an erase of the information memory prior to the first use.
Segment0 w/
Interrupt Vectors
0FFFFh
0FE00h
Information
Memory
Flash Main Memory
Segment1
Segment2
Segment3
Segment4
Segment5
Segment6
Segment7
SegmentA
SegmentB
0FDFFh
0FC00h
0FBFFh
0FA00h
0F9FFh
0F800h
0F7FFh
0F600h
0F5FFh
0F400h
0F3FFh
0F200h
0F1FFh
0F000h
010FFh
01080h
0107Fh
01000h
NOTE: All segments not implemented on all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com