Electronic Components Datasheet Search
  English  ▼

X  

LVC125A Datasheet(PDF) 24 Page - Texas Instruments

Part # LVC125A
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC125A Datasheet(HTML) 24 Page - Texas Instruments

Back Button LVC125A Datasheet HTML 20Page - Texas Instruments LVC125A Datasheet HTML 21Page - Texas Instruments LVC125A Datasheet HTML 22Page - Texas Instruments LVC125A Datasheet HTML 23Page - Texas Instruments LVC125A Datasheet HTML 24Page - Texas Instruments LVC125A Datasheet HTML 25Page - Texas Instruments LVC125A Datasheet HTML 26Page - Texas Instruments LVC125A Datasheet HTML 27Page - Texas Instruments LVC125A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
main DCO characteristics
D Individual devices have a minimum and maximum operation frequency. The specified parameters for
f(DCOx0) to f(DCOx7) are valid for all devices.
D All ranges selected by Rsel(n) overlap with Rsel(n+1): Rsel0 overlaps Rsel1, ... Rsel6 overlaps Rsel7.
D DCO control bits DCO0, DCO1, and DCO2 have a step size as defined by parameter S
DCO.
D Modulation control bits MOD0 to MOD4 select how often f(
DCO+1) is used within the period of 32 DCOCLK
cycles. The frequency f(DCO) is used for the remaining cycles. The frequency is an average equal to:
faverage +
32
f(DCO)
f(DCO)1)
MOD
f(DCO))(32*MOD)
f(DCO)1)
DCO when using ROSC (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
fDCO, DCO output frequency
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1,
2.2 V
1.8
±15%
MHz
fDCO, DCO output frequency
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1,
TA = 25°C
3 V
1.95
±15%
MHz
Dt, Temperature drift
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V/3 V
±0.1
%/
°C
Dv, Drift with VCC variation
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V/3 V
10
%/V
NOTES:
1. ROSC = 100kΩ. Metal film resistor, type 0257. 0.6 watt with 1% tolerance and TK = ±50ppm/°C.
crystal oscillator, LFXT1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CXIN
Input capacitance
XTS=0; LF mode selected.
VCC = 2.2 V / 3 V
12
pF
CXIN
Input capacitance
XTS=1; XT1 mode selected.
VCC = 2.2 V / 3 V (see Note 1)
2
pF
CXOUT
Output capacitance
XTS=0; LF mode selected.
VCC = 2.2 V / 3 V
12
pF
CXOUT
Output capacitance
XTS=1; XT1 mode selected.
VCC = 2.2 V / 3 V (see Note 1)
2
pF
VIL
Input levels at XIN
VCC = 2.2 V/3 V (see Note 2)
VSS
0.2
×VCC
V
VIH
Input levels at XIN
VCC = 2.2 V/3 V (see Note 2)
0.8
×VCC
VCC
V
NOTES:
1. Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
2. Applies only when using an external logic-level clock source. Not applicable when using a crystal or resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com