Electronic Components Datasheet Search
  English  ▼

X  

LVC125A Datasheet(PDF) 19 Page - Texas Instruments

Part # LVC125A
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC125A Datasheet(HTML) 19 Page - Texas Instruments

Back Button LVC125A Datasheet HTML 15Page - Texas Instruments LVC125A Datasheet HTML 16Page - Texas Instruments LVC125A Datasheet HTML 17Page - Texas Instruments LVC125A Datasheet HTML 18Page - Texas Instruments LVC125A Datasheet HTML 19Page - Texas Instruments LVC125A Datasheet HTML 20Page - Texas Instruments LVC125A Datasheet HTML 21Page - Texas Instruments LVC125A Datasheet HTML 22Page - Texas Instruments LVC125A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
optional resistors, individually programmable with ROM code (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(opt1)
2.5
5
10
k
Ω
R(opt2)
3.8
7.7
15
k
Ω
R(opt3)
7.6
15
31
k
Ω
R(opt4)
11.5
23
46
k
Ω
R(opt5)
Resistors, individually programmable with ROM code, all port pins,
VCC = 2.2 V/3 V
23
45
90
k
Ω
R(opt6)
Resistors, individually programmable with ROM code, all port pins,
values applicable for pulldown and pullup
VCC = 2.2 V/3 V
46
90
180
k
Ω
R(opt7)
values applicable for pulldown and pullup
70
140
280
k
Ω
R(opt8)
115
230
460
k
Ω
R(opt9)
160
320
640
k
Ω
R(opt10)
205
420
830
k
Ω
NOTE 1: Optional resistors Roptx for pulldown or pullup are not available in standard flash memory device MSP430F11x1A.
wake-up from lower power modes (LPMx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(LPM0)
VCC = 2.2 V/3 V
100
ns
t(LPM2)
VCC = 2.2 V/3 V
100
ns
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM4)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM4)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
NOTE 1: Parameter applicable only if DCOCLK is used for MCLK.
RAM
PARAMETER
MIN
NOM
MAX
UNIT
V(RAMh)
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage VCC when the data in the program memory RAM remains unchanged. No program
execution should happen during this supply voltage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com