Electronic Components Datasheet Search
  English  ▼

X  

LVC125A Datasheet(PDF) 16 Page - Texas Instruments

Part # LVC125A
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC125A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LVC125A Datasheet HTML 12Page - Texas Instruments LVC125A Datasheet HTML 13Page - Texas Instruments LVC125A Datasheet HTML 14Page - Texas Instruments LVC125A Datasheet HTML 15Page - Texas Instruments LVC125A Datasheet HTML 16Page - Texas Instruments LVC125A Datasheet HTML 17Page - Texas Instruments LVC125A Datasheet HTML 18Page - Texas Instruments LVC125A Datasheet HTML 19Page - Texas Instruments LVC125A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Schmitt-trigger inputs − Ports P1 and P2; (P1.0 to P1.7, P2.0 to P2.5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 2.2 V
1.1
1.5
V
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.5
1.9
V
VIT−
Negative-going input threshold voltage
VCC = 2.2 V
0.4
0.9
V
VIT−
Negative-going input threshold voltage
VCC = 3 V
0.9
1.3
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
VCC = 2.2 V
0.3
1.1
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
VCC = 3 V
0.5
1
V
standard inputs − RST/NMI, JTAG: TCK, TMS, TDI/TCLK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low-level input voltage
VCC = 2.2 V / 3 V
VSS
VSS+0.6
V
VIH
High-level input voltage
VCC = 2.2 V / 3 V
0.8
×VCC
VCC
V
inputs Px.x, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger signal
2.2 V/3 V
1.5
cycle
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External trigger signal
for the interrupt flag, (see Note 1)
2.2 V
62
ns
t(int)
External interrupt timing
for the interrupt flag, (see Note 1)
3 V
50
ns
t(cap)
Timer_A, capture timing
TA0, TA1, TA2
2.2 V
62
ns
t(cap)
Timer_A, capture timing
TA0, TA1, TA2
3 V
50
ns
f(TAext)
Timer_A clock frequency
TACLK, INCLK t(H) = t(L)
2.2 V
8
MHz
f(TAext)
Timer_A clock frequency
externally applied to pin
TACLK, INCLK t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
3 V
10
MHz
NOTES:
1. The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in
MCLK cycles.
leakage current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg(Px.x)
High-impedance leakage current
Port P1: P1.x, 0
≤ ×≤ 7
(see Notes 1, 2)
VCC = 2.2 V/3 V,
±50
nA
Ilkg(Px.x)
High-impedance leakage current
Port P2: P2.x, 0
≤ ×≤ 5
(see Notes 1, 2)
VCC = 2.2 V/3 V,
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The leakage of the digital port pins is measured individually. The port pin must be selected for input and there must be no optional
pullup or pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com