Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB803 Datasheet(HTML) 5 Page - Texas Instruments

  CDCDB803 Datasheet HTML 1Page - Texas Instruments CDCDB803 Datasheet HTML 2Page - Texas Instruments CDCDB803 Datasheet HTML 3Page - Texas Instruments CDCDB803 Datasheet HTML 4Page - Texas Instruments CDCDB803 Datasheet HTML 5Page - Texas Instruments CDCDB803 Datasheet HTML 6Page - Texas Instruments CDCDB803 Datasheet HTML 7Page - Texas Instruments CDCDB803 Datasheet HTML 8Page - Texas Instruments CDCDB803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(2)
DESCRIPTION
NAME
NO.
SADR0
5
I, S, PU / PD
SMBus address strap bit[0]. This is a 3-level input that is decoded in conjunction
with pin 8 to set SMBus address. It has internal 180-kΩ pullup / pulldown network
biasing to GND when no connect.
For a high-level input configuration, the pin should be pulled up to 3.3-V VDD
through an external pullup resistor from 1k to 5k with 5% tolerance.
For a low-level input configuration input, the pin should be pulled down to ground
through an external pulldown resistor from 1k to 5k with 5% tolerance.
For a mid-level input configuration, the pin should be left floating and not
connected to VDD or ground.
SMBDAT
6
I / O
Data pin of SMBus interface. Typically pulled up to 3.3-V VDD using external pullup
resistor. The recommended pullup resistor value is > 8.5k.
SMBCLK
7
I
Clock pin of SMBus interface. Typically pulled up to 3.3-V VDD using external
pullup resistor. The recommended pullup resistor value is > 8.5k.
SADR1
8
I, S, PU / PD
SMBus address strap bit[1]. This is a 3-level input that is decoded in conjunction
with pin B4 to set SMBus address. It has internal 180-kΩ pullup / pulldown network
biasing to GND when no connect.
For a high-level input configuration, the pin should be pulled up to 3.3-V VDD
through an external pullup resistor from 1k to 5k with 5% tolerance.
For a low-level input configuration, the pin should be pulled down to ground
through an external pulldown resistor from 1k to 5k with 5% tolerance.
For a mid-level input configuration, the pin should be left floating and not
connected to VDD or ground.
SMBWRTLOCK
46
I, PD
SMBWRTLOCK: Disables write commands on SMBus. All writes will be ignored
when SMBWRTLOCK is asserted (reads are not affected). Internal 180-kΩ
pulldown, active high.
0 = SMBus write enabled.
1 = SMBus write disabled.
SUPPLY VOLTAGE AND GROUND
VDDR
2
P
Power supply input for input clock receiver. Connect to 3.3-V power supply rail with
decoupling capacitor to GND. Place a 0.1-µF capacitor close to each supply pin
between power supply and ground.
VDD
11, 15, 19, 27, 34,
38, 42, 44
P
3.3-V power supply for output channels and core voltage.
GND
DAP
G
Ground. Connect ground pad to system ground.
NO CONNECT
NC
9, 10, 20, 43, 45
—
Do not connect to GND or VDD.
NC
47, 48
—
No connect. Pins may be connected to GND, VDD, or otherwise tied to any
potential within the Supply Voltage range stated in the Absolute Maximum Ratings.
(1)
The “#” symbol at the end of a pin name indicates that the active state occurs when the signal is at a low voltage level. When “#” is not
present, the signal is active high.
(2)
The definitions below define the I/O type for each pin.
•
I = Input
•
O = Output
•
I / O = Input / Output
•
PU / PD = Internal 180-kΩ Pullup / Pulldown network biasing to VDD/2
•
PD = Internal 180-kΩ Pulldown
•
S = Hardware Configuration Pin
•
P = Power Supply
•
G = Ground
www.ti.com
CDCDB803
SNAS820A – AUGUST 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com