Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB803 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 2Page - Texas Instruments CDCDB803 Datasheet HTML 3Page - Texas Instruments CDCDB803 Datasheet HTML 4Page - Texas Instruments CDCDB803 Datasheet HTML 5Page - Texas Instruments CDCDB803 Datasheet HTML 6Page - Texas Instruments CDCDB803 Datasheet HTML 7Page - Texas Instruments CDCDB803 Datasheet HTML 8Page - Texas Instruments CDCDB803 Datasheet HTML 9Page - Texas Instruments CDCDB803 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD, VDD_R
Power supply voltage
−0.3
3.6
V
VIN
IO input voltage
−0.3
3.6
V
TJ
Junction temperature
125
°C
Tstg
Storage temperature
−65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001, all pins(1)
±3500
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
IO, Core supply voltage
3
3.3
3.6
V
VDD_R
Input supply voltage
3
3.3
3.6
V
TA
Ambient temperature
−40
105
°C
6.4 Thermal Information
THERMAL METRIC(1)
Device Package
UNIT
RSL (QFN)
48 PINS
RθJA
Junction-to-ambient thermal resistance
32.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.3
°C/W
RθJB
Junction-to-board thermal resistance
14.3
°C/W
ΨJT
Junction-to-top characterization parameter
0.5
°C/W
ΨJB
Junction-to-board characterization parameter
14.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
CDCDB803
SNAS820A – AUGUST 2021 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com