Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB803 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 5Page - Texas Instruments CDCDB803 Datasheet HTML 6Page - Texas Instruments CDCDB803 Datasheet HTML 7Page - Texas Instruments CDCDB803 Datasheet HTML 8Page - Texas Instruments CDCDB803 Datasheet HTML 9Page - Texas Instruments CDCDB803 Datasheet HTML 10Page - Texas Instruments CDCDB803 Datasheet HTML 11Page - Texas Instruments CDCDB803 Datasheet HTML 12Page - Texas Instruments CDCDB803 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VDD, VDD_R = 3.3 V ± 5 %, −40°C ≤ TA ≤ 105°C. Typical values are at VDD = VDD_R = 3.3 V, 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input capacitance
4.5
pF
COUT
Output capacitance
4.5
pF
3-LEVEL DIGITAL INTERFACE (SADR0, SADR1)
VIH
High level input voltage
2.3
V
VIM
Mid level input voltage
1.25
VDD/2
1.725
VIL
Low level input voltage
0.85
IIH
Input leakage current
With internal pull-up/pull-down VIN = VDD
–30
30
µA
IIL
Input leakage current
With internal pull-up/pull-down VIN = GND
–30
30
µA
CIN
Input capacitance(1)
4.5
pF
(1)
Voltage swing includes overshoot.
(2)
Not tested in production. Ensured by design and characterization.
(3)
Measured into DC test load.
(4)
VCROSS is single-ended voltage when CKx_P = CKx_N with respect to system ground. Only valid on rising edge of CKx, when CKx_P
is rising.
(5)
Measured from rising edge of CLK_IN to any CKx output.
(6)
Measured from rising edge of any CKx output to any other CKx output.
(7)
Measured into AC test load.
6.6 Timing Requirements
VDD, VDD_R = 3.3 V ± 5 %, −40°C ≤ TA ≤ 105°C. Typical values are at VDD = VDD_A = 3.3 V, 25°C (unless otherwise
noted)
MIN
NOM
MAX
UNIT
SMBUS-COMPATIBLE INTERFACE TIMING
fSMB
SMBus operating frequency
10
400
kHz
tBUF
Bus free time between STOP and START
4.7
µs
tHD_STA
START condition hold time
SMBCLK low after SMBDAT low
4
tSU_STA
START condition setup time
SMBCLK high before SMBDAT low
4.7
tSU_STO
STOP condition setup time
4
tHD_DAT
SMBDAT hold time
300
ns
tSU_DAT
SMBDAT setup time
250
tTIMEOUT Detect SMBCLK low timeout
In terms of device input clock frequency
1e6
cycles
tLOW
SMBCLK low period
4.7
µs
tHIGH
SMBCLK high period
4
50
tF
SMBCLK/SMBDAT fall time(1)
300
ns
tR
SMBCLK/SMBDAT rise time(2)
1000
(1)
TF = (VIHMIN + 0.15) to (VILMAX - 0.15)
(2)
TR = (VILMAX - 0.15) to (VIHMIN + 0.15)
www.ti.com
CDCDB803
SNAS820A – AUGUST 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com