Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUX84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUX84 Datasheet HTML 2Page - NXP Semiconductors BUX84 Datasheet HTML 3Page - NXP Semiconductors BUX84 Datasheet HTML 4Page - NXP Semiconductors BUX84 Datasheet HTML 5Page - NXP Semiconductors BUX84 Datasheet HTML 6Page - NXP Semiconductors BUX84 Datasheet HTML 7Page - NXP Semiconductors BUX84 Datasheet HTML 8Page - NXP Semiconductors BUX84 Datasheet HTML 9Page - NXP Semiconductors BUX84 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Aug 13
6
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84; BUX85
Fig.5 Forward bias SOAR.
BUX85.
Tmb ≤ 50 °C.
I - Region of permissible DC operation.
II - Permissible extension for repetitive pulse operation.
III - Area of permissible operation during turn-on in single transistor converters, provided RBE ≤ 100 Ω and tp ≤ 0.6 µs.
IV - Repetitive pulse operation in this region is permissible provided VBE ≤ 0 and tp ≤ 2 ms.
(1) Ptot max and Ptot peak max lines.
(2) Second breakdown limits.
handbook, full pagewidth
MGB939
10
1
102
103
104
VCE (V)
10
10−1
10−3
10−2
IC
(A)
δ = 0.01
1 ms
2 ms
5 ms
DC
10
µs
20
µs
50
µs
100
µs
200
µs
500
µs
tp =
2
µs
5
µs
III
I
II
IV
(2)
(1)
IC max
ICM max
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com