Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUX84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUX84 Datasheet HTML 4Page - NXP Semiconductors BUX84 Datasheet HTML 5Page - NXP Semiconductors BUX84 Datasheet HTML 6Page - NXP Semiconductors BUX84 Datasheet HTML 7Page - NXP Semiconductors BUX84 Datasheet HTML 8Page - NXP Semiconductors BUX84 Datasheet HTML 9Page - NXP Semiconductors BUX84 Datasheet HTML 10Page - NXP Semiconductors BUX84 Datasheet HTML 11Page - NXP Semiconductors BUX84 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Aug 13
8
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84; BUX85
Fig.8 Power derating curve.
handbook, halfpage
050
Tmb (
oC)
100
150
120
0
40
80
MGD283
Ptot max
(%)
Fig.9
Base-emitter saturation voltage as a
function of emitter current; typical values.
Tj =25 °C.
(1) IC =1A.
(2) IC = 0.5 A.
(3) IC = 0.3 A.
handbook, halfpage
0
300
1.0
0.5
MGB904
0.75
100
200
VBEsat
(V)
IB (mA)
(2)
(3)
(1)
Fig.10 DC current gain; typical values.
handbook, halfpage
10−2
10−1
1
102
10
1
hFE
IC (A)
10
MGB879
typ
Fig.11 Switching time waveforms with
resistive load.
handbook, halfpage
MBB731
t
90%
10%
90%
10%
IC
IB
IB on
IB off
IC on
tr ≤30 ns
ts
tf
ton
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com