Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUX84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUX84 Datasheet HTML 3Page - NXP Semiconductors BUX84 Datasheet HTML 4Page - NXP Semiconductors BUX84 Datasheet HTML 5Page - NXP Semiconductors BUX84 Datasheet HTML 6Page - NXP Semiconductors BUX84 Datasheet HTML 7Page - NXP Semiconductors BUX84 Datasheet HTML 8Page - NXP Semiconductors BUX84 Datasheet HTML 9Page - NXP Semiconductors BUX84 Datasheet HTML 10Page - NXP Semiconductors BUX84 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Aug 13
7
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84; BUX85
Fig.6 Transient thermal impedance.
handbook, full pagewidth
MGB863
10
10−1
10−2
10−3
10−2
10−1
110
tp (ms)
102
103
1
Zth j−mb
(K/W)
tp
tp
T
P
t
T
δ =
0.75
0.50
0.33
0.20
0.10
0.05
0.02
0.01
0
δ = 1
Fig.7 Collector-emitter saturation voltage as a function of base current; typical values.
handbook, full pagewidth
0.3
IB (A)
4
(1)
3
0
0
VCEsat
(V)
0.05
0.25
MGB908
2
1
0.2
0.1
0.15
(2)
(3)
(4)
(1) IC = 0.3 A.
(2) IC = 0.5 A.
(3) IC = 0.7 A.
(4) IC =1A.
Tj =25 °C; solid line: typical values; dotted line: maximum values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com