Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUX84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUX84 Datasheet HTML 1Page - NXP Semiconductors BUX84 Datasheet HTML 2Page - NXP Semiconductors BUX84 Datasheet HTML 3Page - NXP Semiconductors BUX84 Datasheet HTML 4Page - NXP Semiconductors BUX84 Datasheet HTML 5Page - NXP Semiconductors BUX84 Datasheet HTML 6Page - NXP Semiconductors BUX84 Datasheet HTML 7Page - NXP Semiconductors BUX84 Datasheet HTML 8Page - NXP Semiconductors BUX84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Aug 13
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84; BUX85
DESCRIPTION
High-voltage, high-speed,
glass-passivated NPN power
transistor in a TO-220AB package.
APPLICATIONS
• Converters
• Inverters
• Switching regulators
• Motor control systems
• Switching applications.
PINNING
PIN
DESCRIPTION
1
base
2
collector; connected to mounting base
3
emitter
Fig.1 Simplified outline (TO-220AB) and symbol.
MBK106
12 3
3
2
1
MBB008
QUICK REFERENCE DATA
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUX84
−
800
V
BUX85
−
1000
V
VCEO
collector-emitter voltage
open base
BUX84
−
400
V
BUX85
−
450
V
VCEsat
collector-emitter saturation voltage
IC = 1 A; IB = 200 mA; see Fig.7
−
1V
IC
collector current (DC)
see Figs 4 and 5
−
2A
ICM
collector current (peak value)
see Figs 4 and 5
−
3A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Fig.8
−
40
W
tf
fall time
resistive load; see Fig.11
0.4
−µs
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
2.5
K/W
Rth j-a
thermal resistance from junction to ambient in free air
70
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com