Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUX84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX84 Datasheet(HTML) 4 Page - NXP Semiconductors

  BUX84 Datasheet HTML 1Page - NXP Semiconductors BUX84 Datasheet HTML 2Page - NXP Semiconductors BUX84 Datasheet HTML 3Page - NXP Semiconductors BUX84 Datasheet HTML 4Page - NXP Semiconductors BUX84 Datasheet HTML 5Page - NXP Semiconductors BUX84 Datasheet HTML 6Page - NXP Semiconductors BUX84 Datasheet HTML 7Page - NXP Semiconductors BUX84 Datasheet HTML 8Page - NXP Semiconductors BUX84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 13
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUX84; BUX85
Note
1. Measured with a half-sinewave voltage (curve tracer).
Switching times in horizontal deflection circuit (see Fig.11)
ton
turn-on time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
−
0.2
0.5
µs
tf
fall time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
−
0.4
−µs
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V;
Tmb =95 °C
−−
1.4
µs
ts
storage time
ICon = 1 A; IBon = 200 mA;
IBoff = −400 mA; VCC = 250 V
−
2
3.5
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.2
Test circuit for collector-emitter
sustaining voltage.
andbook, halfpage
MGE252
+ 50 V
100 to 200
Ω
30 to 60 Hz
L
6 V
oscilloscope
vertical
horizontal
1
Ω
300
Ω
Fig.3
Oscilloscope display for collector-emitter
sustaining voltage.
handbook, halfpage
MGE239
IC
(mA)
250
200
100
0
min
VCEOsust
VCE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com