Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 67 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 63Page - STMicroelectronics M29DW128F Datasheet HTML 64Page - STMicroelectronics M29DW128F Datasheet HTML 65Page - STMicroelectronics M29DW128F Datasheet HTML 66Page - STMicroelectronics M29DW128F Datasheet HTML 67Page - STMicroelectronics M29DW128F Datasheet HTML 68Page - STMicroelectronics M29DW128F Datasheet HTML 69Page - STMicroelectronics M29DW128F Datasheet HTML 70Page - STMicroelectronics M29DW128F Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
M29DW128F
Package mechanical
67/94
Figure 22.
TBGA64 10x13mm - 8x8 active ball array, 1mm pitch, package outline
1.
Drawing is not to scale.
E1
E
D1
D
eb
SD
SE
A2
A1
A
BGA-Z23
ddd
FD
FE
BALL "A1"
Table 32.
TBGA64 10x13mm - 8x8 active ball array, 1mm pitch, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.300
0.200
0.350
0.0118
0.0079
0.0138
A2
0.800
0.0315
b
0.350
0.500
0.0138
0.0197
D
10.000
9.900
10.100
0.3937
0.3898
0.3976
D1
7.000
–
–
0.2756
–
–
ddd
0.100
0.0039
e
1.000
–
–
0.0394
–
–
E
13.000
12.900
13.100
0.5118
0.5079
0.5157
E1
7.000
–
–
0.2756
–
–
FD
1.500
–
–
0.0591
–
–
FE
3.000
–
–
0.1181
–
–
SD
0.500
–
–
0.0197
–
–
SE
0.500
–
–
0.0197
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com