Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 3Page - STMicroelectronics M29DW128F Datasheet HTML 4Page - STMicroelectronics M29DW128F Datasheet HTML 5Page - STMicroelectronics M29DW128F Datasheet HTML 6Page - STMicroelectronics M29DW128F Datasheet HTML 7Page - STMicroelectronics M29DW128F Datasheet HTML 8Page - STMicroelectronics M29DW128F Datasheet HTML 9Page - STMicroelectronics M29DW128F Datasheet HTML 10Page - STMicroelectronics M29DW128F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
M29DW128F
List of figures
7/94
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2.
TSOP connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
TBGA connections (top view through package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
Block Addresses (x8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Block Addresses (x16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Block Protection State diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 7.
Software Protection scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 8.
Data Polling flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 9.
Toggle flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 10.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 11.
AC measurement Load Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 12.
Random Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 13.
Page Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 14.
Write AC waveforms, Write Enable Controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 15.
Write AC waveforms, Chip Enable Controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 16.
Toggle and Alternative Toggle bits mechanism, Chip Enable Controlled . . . . . . . . . . . . . . 63
Figure 17.
Toggle and Alternative Toggle bits mechanism, Output Enable Controlled . . . . . . . . . . . . 63
Figure 18.
Reset/Block Temporary Unprotect AC waveforms (No Program/Erase ongoing) . . . . . . . 64
Figure 19.
Reset/Block Temporary Unprotect During Program/Erase Operation AC waveforms . . . . 64
Figure 20.
Accelerated Program Timing waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 21.
TSOP56 – 56 lead Plastic Thin Small Outline, 14 x 20mm, package outline . . . . . . . . . . . 66
Figure 22.
TBGA64 10x13mm - 8x8 active ball array, 1mm pitch, package outline . . . . . . . . . . . . . . 67
Figure 23.
Programmer equipment Group Protect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Figure 24.
Programmer equipment Chip Unprotect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Figure 25.
In-System equipment Group Protect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Figure 26.
In-System equipment Chip Unprotect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Figure 27.
Write to Buffer and Program flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com