Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 21Page - STMicroelectronics M29DW128F Datasheet HTML 22Page - STMicroelectronics M29DW128F Datasheet HTML 23Page - STMicroelectronics M29DW128F Datasheet HTML 24Page - STMicroelectronics M29DW128F Datasheet HTML 25Page - STMicroelectronics M29DW128F Datasheet HTML 26Page - STMicroelectronics M29DW128F Datasheet HTML 27Page - STMicroelectronics M29DW128F Datasheet HTML 28Page - STMicroelectronics M29DW128F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
M29DW128F
Software Protection
25/94
5.2.1
Block Lock/Unlock Protection
The Block Lock/Unlock Protection operates exactly in the same way as in the Standard Protection mode.
5.2.2
Non-Volatile Protection
The Non-Volatile Protection is more advanced in the Password Protection mode.
In this mode, the Lock-Down bit cannot be cleared through a hardware reset or a power-down/power-up
sequence.
The Lock-Down bit is cleared by issuing the Password Protection Unlock command along with the correct
password.
Once the correct Password has been provided, the Lock-Down bit is cleared and the Non-Volatile Modify
Protection bits can be set or reset using the appropriate commands (the Set Non-Volatile Modify
Protection bit command or the Clear Non-Volatile Modify Protection bits command, respectively).
If the Password provided is not correct, the Lock-Down bit remains locked and the state of the Non-
Volatile Modify Protection bits cannot be modified.
The Password is a 64-bit code located in the memory space. It must be programmed by the user prior to
selecting the Password Protection mode. The Password is programmed by issuing a Password Program
command and checked by issuing a Password Verify command. The Password should be unique for each
part.
Once the device is in Password Protection mode, the Password can no longer be read or retrieved.
Moreover, all commands to the address where the password is stored, are disabled. Refer to Table 10:
Block Protection status and Figure 7: Software Protection scheme for details on the block protection
scheme.
Table 10.
Block Protection status
Volatile
Lock
bit
Non-Volatile
Modify
Protection bit
Lock-Down
bit
Block
Protection
status
Block Protection status
00
0
00h
Block
Unprotected
Non-Volatile Modify Protection bit can be
modified(1)
00
1
Non-Volatile Modify Protection bit cannot be
modified(1)
01
0
01h
Block
Program/
Erase
Protected
Non-Volatile Modify Protection bit can be
modified(1)
10
0
11
0
01
1
Non-Volatile Modify Protection bit cannot be
modified(1)
10
1
11
1
1.
The Lock bit can always be modified by issuing a Clear Lock bit command or by taking the device through a Power-up or
Hardware Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com