Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 75 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 71Page - STMicroelectronics M29DW128F Datasheet HTML 72Page - STMicroelectronics M29DW128F Datasheet HTML 73Page - STMicroelectronics M29DW128F Datasheet HTML 74Page - STMicroelectronics M29DW128F Datasheet HTML 75Page - STMicroelectronics M29DW128F Datasheet HTML 76Page - STMicroelectronics M29DW128F Datasheet HTML 77Page - STMicroelectronics M29DW128F Datasheet HTML 78Page - STMicroelectronics M29DW128F Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
M29DW128F
Block addresses and Read/Modify Protection Groups
75/94
187
64/32
Protection Group
B40000h–B4FFFFh
5A0000h–5A7FFFh
188
64/32
B50000h–B5FFFFh
5A8000h–5AFFFFh
189
64/32
B60000h–B6FFFFh
5B0000h–5B7FFFh
190
64/32
B70000h-B7FFFFh
5B8000h–5BFFFFh
191
64/32
Protection Group
B80000h–B8FFFFh
5C0000h–5C7FFFh
192
64/32
B90000h–B9FFFFh
5C8000h–5CFFFFh
193
64/32
BA0000h–BAFFFFh
5D0000h–5D7FFFh
194
64/32
BB0000h–BBFFFFh
5D8000h–5DFFFFh
195
64/32
Protection Group
BC0000h–BCFFFFh
5E0000h–5E7FFFh
196
64/32
BD0000h–BDFFFFh
5E8000h–5EFFFFh
197
64/32
BE0000h–BEFFFFh
5F0000h–5F7FFFh
198
64/32
BF0000h–BFFFFFh
5F8000h-5FFFFFh
199
64/32
Protection Group
C00000h–C0FFFFh
600000h–607FFFh
200
64/32
C10000h–C1FFFFh
608000h–60FFFFh
201
64/32
C20000h–C2FFFFh
610000h–617FFFh
202
64/32
C30000h–C3FFFFh
618000h–61FFFFh
203
64/32
Protection Group
C40000h–C4FFFFh
620000h–627FFFh
204
64/32
C50000h–C5FFFFh
628000h–62FFFFh
205
64/32
C60000h–C6FFFFh
630000h–637FFFh
206
64/32
C70000h-C7FFFFh
638000h–63FFFFh
207
64/32
Protection Group
C80000h–C8FFFFh
640000h–647FFFh
208
64/32
C90000h–C9FFFFh
648000h–64FFFFh
209
64/32
CA0000h–CAFFFFh
650000h–657FFFh
210
64/32
CB0000h–CBFFFFh
658000h–65FFFFh
211
64/32
Protection Group
CC0000h–CCFFFFh
660000h–667FFFh
212
64/32
CD0000h–CDFFFFh
668000h–66FFFFh
213
64/32
CE0000h–CEFFFFh
670000h–677FFFh
214
64/32
CF0000h-CFFFFFh
678000h–67FFFFh
215
64/32
Protection Group
D00000h–D0FFFFh
680000h–687FFFh
216
64/32
D10000h–D1FFFFh
688000h–68FFFFh
217
64/32
D20000h–D2FFFFh
690000h–697FFFh
218
64/32
D30000h–D3FFFFh
698000h–69FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com