Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 4Page - STMicroelectronics M29DW128F Datasheet HTML 5Page - STMicroelectronics M29DW128F Datasheet HTML 6Page - STMicroelectronics M29DW128F Datasheet HTML 7Page - STMicroelectronics M29DW128F Datasheet HTML 8Page - STMicroelectronics M29DW128F Datasheet HTML 9Page - STMicroelectronics M29DW128F Datasheet HTML 10Page - STMicroelectronics M29DW128F Datasheet HTML 11Page - STMicroelectronics M29DW128F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Summary description
M29DW128F
8/94
1
Summary description
The M29DW128F is a 128 Mbit (16Mb x8 or 8Mb x16) non-volatile memory that can be
read, erased and reprogrammed. These operations can be performed using a single low
voltage (2.7 to 3.6V) supply. At Power-up the memory defaults to its Read mode.
The M29DW128F features an asymmetrical block architecture, with 16 parameter and 254
main blocks, divided into four Banks, A, B, C and D, providing multiple Bank operations.
While programming or erasing in one bank, read operations are possible in any other bank.
The bank architecture is summarized in Table 2. Eight of the Parameter Blocks are at the top
of the memory address space, and eight are at the bottom.
Program and Erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller simplifies the process of programming or erasing the
memory by taking care of all of the special operations that are required to update the
memory contents. The end of a program or erase operation can be detected and any error
conditions identified. The command set required to control the memory is consistent with
JEDEC standards. The Chip Enable, Output Enable and Write Enable signals control the
bus operations of the memory. They allow simple connection to most microprocessors, often
without additional logic.
The device supports Asynchronous Random Read and Page Read from all blocks of the
memory array.
The M29DW128F has one extra 256 byte block (Extended Block) that can be accessed
using a dedicated command. The Extended Block can be protected and so is useful for
storing security information. However the protection is irreversible, once protected the
protection cannot be undone.
Each block can be erased independently, so it is possible to preserve valid data while old
data is erased.
The device features four different levels of hardware and software block protection to avoid
unwanted program or erase (modify). The software block protection features are available in
16 bit memory organization only:
●
Hardware Protection:
–The VPP/WP provides a hardware protection of the four outermost parameter
blocks (two at the top and two at the bottom of the address space).
–The RP pin temporarily unprotects all the blocks previously protected using a High
Voltage Block Protection technique (see Appendix D: High Voltage Block
Protection).
●
Software Protection
–
Standard Protection
–
Password Protection
The memory is offered in TSOP56 (14 x 20mm) and TBGA64 (10 x 13mm, 1mm pitch)
packages. The 8-bit Bus mode is only available when the M29DW128F is delivered in
TSOP56 package. In order to meet environmental requirements, ST offers the M29DW128F
in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com. The memory is supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com