Electronic Components Datasheet Search
  English  ▼

X  

M29DW128F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 30Page - STMicroelectronics M29DW128F Datasheet HTML 31Page - STMicroelectronics M29DW128F Datasheet HTML 32Page - STMicroelectronics M29DW128F Datasheet HTML 33Page - STMicroelectronics M29DW128F Datasheet HTML 34Page - STMicroelectronics M29DW128F Datasheet HTML 35Page - STMicroelectronics M29DW128F Datasheet HTML 36Page - STMicroelectronics M29DW128F Datasheet HTML 37Page - STMicroelectronics M29DW128F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
Command interface
M29DW128F
34/94
Table 12.
Standard Commands, 16-bit mode(1)(2)
Command
Bus operations
1st
2nd
3rd
4th
5th
6th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Read/Reset
1X
F0
3
555
AA
2AA
55
X
F0
Auto Select
Manufacturer Code
3
555
AA
2AA
55
(BKA)
555
90
(3)
(3)
Device Code
Extended Block
Protection Indicator
Block Protection Status
Program
4
555
AA
2AA
55
555
A0
PA
PD
Blank Verify Command
3
555
AA
2AA
55
BA
BC
Verify
3
555
AA
2AA
55
BA
BC
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase/Program Suspend
1
BKA
B0
Erase/Program Resume
1
BKA
30
Read CFI Query
1
(BKA)
555
98
1.
Grey cells represent Read cycles. The other cells are Write cycles.
2.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block, BKA Bank Address. All values in the
table are in hexadecimal.
3.
The Auto Select addresses and data are given in Table 7: Read Electronic Signature, 16-bit mode, and Table 8: Block
Protection, 16-bit mode, except for A9 that is ‘Don’t Care’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com