Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Pre-Production
WM8753L
w
PP Rev 3.4 November 2005
22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[4:3]
LMSEL[1:0]
00
Line Mix Select:
00: LINE1 + LINE2
01: LINE1 – LINE2
10: LINE1 (LINE2 disconnected)
11: LINE2 (LINE1 disconnected)
2
MM
0
Mono Mux Select
0 : Line Mix Output
1: Rx Mix output ( RXP +/– RXN )
1
RM
0
Right Mux Select
0 : LINE2
1 : Rx Mix output ( RXP +/– RXN )
R47 (2Fh)
Input Control (1)
0
LM
0
Left Mux Select
0 : LINE1
1 : Rx Mix output ( RXP +/– RXN )
Table 4 Input and Bypass Mux Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[7:6]
RXMSEL[1:0]
00
Differential input, Rx, mixer
00: RXP – RXN
01: RXP + RXN
10: RXP (RXN disconnected)
11: RXN (RXP disconnected)
[5:4]
MICMUX[1:0]
00
Mic Mux Sidetone Select
00 : Sidetone = Left PGA output
01 : Sidetone = Mic 1 preamp output
10 : Sidetone = Mic 2 preamp output
11 : Sidetone = Right PGA output
3
LINEALC
0
ALC Mix input select Line Mix
0 : Line Mix not selected into ALC Mix
1 : Line Mix selected into ALC Mix
2
MIC2ALC
0
ALC Mix input select MIC2
0 : MIC2 not selected into ALC Mix
1 : MIC2 selected into ALC Mix
1
MIC1ALC
0
ALC Mix input select MIC1
0 : MIC1 not selected into ALC Mix
1 : MIC1 selected into ALC Mix
R48 (30h)
Input Control (2)
0
RXALC
0
ALC Mix input select RX
0 : RX not selected into ALC Mix
1 : RX selected into ALC Mix
Table 5 ALC Mix and Mic Mux Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com