Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[8:7]
MIC2BOOST[1:0]
00
MIC2 Preamp Gain Control
00 : +12dB
01 : +18dB
10 : +24dB
11 : +30dB
R47 (2Fh)
Mic Input Boost
[6:5]
MIC1BOOST[1:0]
00
MIC1 Preamp Gain Control
00 = +12dB
01 = +18dB
10 = +24dB
11 = +30dB
Table 10 MIC Preamp Gain Control
The suggested configuration for the external microphone circuit is shown in Figure 9.
Figure 9 Suggested External Microphone Input Configuration
DIFFERENTIAL OPERATION
It is possible to connect up to two mics differentially. Microphone1 is connected between the MIC1
and MIC1N inputs and microphone2 is connected between the MIC2 and MIC2N inputs. It should be
noted that in differential mode, with mic inputs routed to the ADCs, an extra invert occurs in the MIC1
(left ADC) path due to the extra mixer. This can be compensated for by inverting the left ADC signal
back again using ADCPOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com