Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Pre-Production
WM8753L
w
PP Rev 3.4 November 2005
28
PGA CONTROL
The PGA matches the input signal level to the ADC input range. The PGA gain is logarithmically
adjustable from –17.25dB to +30dB in 0.75dB steps. Each PGA can be controlled either by the user
or by the ALC function (see Automatic Level Control). When ALC is enabled for one or both channels,
then writing to the corresponding PGA control register has no effect.
The gain is independently adjustable on both Right and Left Line Inputs. However, by setting the
LRINBOTH or RLINBOTH bits whilst programming the PGA gain, both channels are simultaneously
updated. This reduces the required number of software writes required. Setting the LZCEN and
RZCEN bits enables a zero-cross detector which ensures that PGA gain changes only occur when
the signal is at zero, eliminating any zipper noise. If zero cross is enabled a timeout is also available
to update the gain if a zero cross does not occur. This function may be enabled by setting TOEN in
register R18 (12h).
The inputs can also be muted in the analogue domain under software control. The software control
registers are shown in Table 16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LIVU
0
Left Volume Update
0 = Store LINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains
(left
=
LINVOL,
right
=
intermediate latch)
7
LINMUTE
1
Left Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: LIVU must be set to un-mute.
6
LZCEN
0
Left Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R49 (31h)
Left Channel
PGA
5:0
LINVOL
[5:0]
010111
( 0dB )
Left Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
8
RIVU
0
Right Volume Update
0 = Store RINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains
(right
=
RINVOL,
left
=
intermediate latch)
7
RINMUTE
1
Right Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: RIVU must be set to un-mute.
6
RZCEN
0
Right Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R50 (32h)
Right Channel
PGA
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R18 (12h)
Additional
Control
0
TOEN
0
Timeout Enable
0 : Timeout Disabled
1 : Timeout Enabled
Table 16 Input PGA Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com