Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
29
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8753L uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit
feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The
ADC Full Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is
1.0 Volts r.m.s. Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated in Figure 11.
FROM ADC
DIGITAL
HPF
DIGITAL
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
ADCHPD
Figure 11 ADC Digital Filter
The characteristic of the digital decimation filter is selectable using control bit VXFILT for HiFi and
voice modes of operation. In Voice mode the filter has a steeper roll-off and reduced stopband
attenuation. The ADC digital filters also contain a digital high pass filter, selectable via software
control. The cut-off frequency of the highpass filter is selectable to suit the mode of operation. For
HiFi record mode the default cut-off of 3.4Hz (at fs=48kHz) is recommended and for voice record a
cut-off of 100Hz or 200Hz (at fs=8kHz) may be selected The frequency response of the highpass filter
will scale with sample rate so the 100Hz cut-off at 8KHz sample rate will scale to a 200Hz cut-off at
16kHz sample rate. The decimation and high-pass filter responses are detailed in the Digital Filter
Characteristics section. When the high-pass filter is enabled the dc offset is continuously calculated
and subtracted from the input signal. By setting HPOR, the last calculated dc offset value is stored
and will continue to be subtracted from the input signal. If the DC offset is changed, the stored and
subtracted value will not change unless HPOR is reset. This feature can be used for calibration
purposes.
Table 17 Highpass Filter Cut-off Frequencies
The output data format can be programmed by the user to accommodate stereo or monophonic
recording on both inputs. The polarity of the output signal can also be changed under software
control. The software control is shown in Table 18.
Cut-off (Hz)
HPMODE
fs=8kHz
fs=16kHz
fs=48kHz
00
0.6
1.1
3.7
01
41
82
246
10
82
164
492
11
170
340
1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com