Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Pre-Production
WM8753L
w
PP Rev 3.4 November 2005
30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
ADCPOL
[1:0]
00
00 = Polarity not inverted
01 = L polarity invert
10 = R polarity invert
11 = L and R polarity invert
4
VXFILT
0
ADC Filter Select
0 = HiFi Filter
1 = Voice FIlter
3:2
HPMODE
00
ADC
High
pass
Filter
Cut-off
Select
00 = 3.4Hz @ fs = 48kHz
01 = 82Hz @ fs = 16kHz
(41Hz @ fs = 8kHz)
10 = 82Hz @ fs = 8kHz
(164Hz @ fs = 16kHz)
11 = 170Hz @ fs = 8kHz
(340Hz @ fs = 16kHz)
1
HPOR
0
Store dc offset
1 = store offset
0 = clear offset
R2 (02h)
ADC Control
0
ADCHPD
0
ADC High Pass
Filter
Enable
(Digital)
1 = Disable High Pass Filter
0 = Enable High Pass Filter
Table 18 ADC Signal Path Control
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from –97dB to +30dB in
0.5dB steps. The volume of each channel can be controlled separately. The gain for a given eight-bit
code X is given by:
0.5
× (X-195) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The LAVU and RAVU control bits control the loading of digital volume control data. When LAVU or
RAVU are set to 0, the LADCVOL or RADCVOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when either LAVU or RAVU are set to 1. This makes it possible to update the gain of both
channels simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com