Electronic Components Datasheet Search
  English  ▼

X  

AMC131M02 Datasheet(PDF) 40 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 36Page - Texas Instruments AMC131M02 Datasheet HTML 37Page - Texas Instruments AMC131M02 Datasheet HTML 38Page - Texas Instruments AMC131M02 Datasheet HTML 39Page - Texas Instruments AMC131M02 Datasheet HTML 40Page - Texas Instruments AMC131M02 Datasheet HTML 41Page - Texas Instruments AMC131M02 Datasheet HTML 42Page - Texas Instruments AMC131M02 Datasheet HTML 43Page - Texas Instruments AMC131M02 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
The number of words in a command depends on the command provided. For most commands, there are four
words in a frame. On DIN, the host provides the command, the command CRC if input CRC is enabled or a
word of zeros if input CRC is disabled, and two additional words of zeros. Simultaneously on DOUT, the device
outputs the response from the previous frame command, two words of ADC data representing the two ADC
channels, and a CRC word. If one or several of the ADC channels are disabled, this frame structure of four
words still applies, and the data of disabled channels reads all zeros. Figure 8-22 shows a typical command
frame structure.
DRDY
CS
SCLK
DIN
DOUT
Channel 0 Data
Channel 1 Data
CRC
Response
Hi-Z
Hi-Z
Channel 0 Data
Response
Command
CRC
Command
CRC
Figure 8-22. Typical Communication Frame
There are some commands that require more than four words. In the case of a read register (RREG) command
where multiple registers are read, the response to the command contains the acknowledgment of the command
followed by the register contents requested, which can require a larger frame depending on how many registers
are read. See the RREG section for more details on the RREG command.
In the case of a write register (WREG) command where multiple registers are written, the frame extends to
accommodate the additional data. See the WREG section for more details on the WREG command.
See the Commands section for a list of all valid commands and the corresponding responses on the
AMC131M02.
Under special circumstances, a data frame can be shortened by the host. See the Short SPI Frames section for
more information about artificially shortening communication frames.
8.5.1.8 SPI Communication Words
An SPI communication frame with the AMC131M02 is made of words. Words on DIN can contain commands,
register settings during a register write, or a CRC of the input data. Words on DOUT can contain command
responses, register settings during a register read, ADC conversion data, or the CRC of the output data.
Words can be 16, 24, or 32 bits. The word size is configured by the WLENGTH[1:0] bits in the MODE register.
The device defaults to a 24-bit word size. Commands, responses, CRC, and registers always contain 16 bits of
actual data. These words are always most significant bit (MSB) aligned, and therefore the least significant bits
(LSBs) are zero-padded to accommodate 24- or 32-bit word sizes. ADC conversion data are nominally 24 bits.
The ADC truncates the eight LSBs when the device is configured for 16-bit word size. There are two options
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com