Electronic Components Datasheet Search
  English  ▼

X  

AMC131M02 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 5Page - Texas Instruments AMC131M02 Datasheet HTML 6Page - Texas Instruments AMC131M02 Datasheet HTML 7Page - Texas Instruments AMC131M02 Datasheet HTML 8Page - Texas Instruments AMC131M02 Datasheet HTML 9Page - Texas Instruments AMC131M02 Datasheet HTML 10Page - Texas Instruments AMC131M02 Datasheet HTML 11Page - Texas Instruments AMC131M02 Datasheet HTML 12Page - Texas Instruments AMC131M02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
6.8 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C and DVDD = 3.0 V to 5.5V; typical specifications
are at TA = 25°C, DVDD = 3.3 V, and for channel 0; all specifications are at fCLKIN = 8.192 MHz, data rate = 4 kSPS,
high-resolution mode, all channels enabled, global-chop mode disabled, and gain = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crosstalk
From one channel to any one of the other
channels; fIN = 50 Hz or 60 Hz at AINxP
while AINxN = HGND
–120
dB
SNR
Signal-to-noise ratio
fIN = 50 Hz or 60 Hz, gain = 1,
VIN = –0.5 dBFS, normalized
98
dB
fIN = 50 Hz or 60 Hz, gain = 32, channel 0,
VIN = –0.5 dBFS, normalized
80
THD
Total harmonic distortion
fIN = 50 Hz or 60 Hz (up to 5 harmonics),
VIN = –0.5 dBFS
–102
–94 (3)
dB
SFDR
Spurious-free dynamic
range
fIN = 50 Hz or 60 Hz,
VIN = –0.5 dBFS
105
dB
CMTI
Common-mode transient
immunity
100
150
V/ns
INTERNAL VOLTAGE REFERENCE
VREF
Internal reference voltage
1.2
V
DIGITAL INPUTS/OUTPUTS
VIL
Logic input level, low
DGND
0.2 DVDD
V
VIH
Logic input level, high
0.8 DVDD
DVDD
V
VOL
Logic output level, low
IOL = –1 mA
0.2 DVDD
V
VOH
Logic output level, high
IOH = 1 mA
0.8 DVDD
V
IIN
Input current
DGND < VDigital Input < DVDD
–1
1
µA
CIN
Input capacitance
1
pF
CLOAD
Output load capacitance
15
30
pF
HIGH-SIDE DIGITAL OUTPUT
RGPO
High-side GPO output
impedance
Driving 0
100
Ω
Driving 1
115
IGPO
High-side GPO load current
1
mA
POWER SUPPLY
IDVDD
Low-side supply current(1)
High-resolution mode
18
23
mA
Low-power mode
15.5
20
Standby mode, all channels disabled,
no clock applied
160
210
µA
PD
Power dissipation
High-resolution mode
60
mW
Low-power mode, fCLKIN = 4.096 MHz
51
Standby mode, all channels disabled,
no clock applied
525
µW
VDCDC_O
UT
DC/DC output voltage
DCDC_OUT to HGND, all channels enabled,
TA = 25°C
3.0
V
VHLDO_O
UT
High-side LDO output
voltage
HLDO_OUT to HGND, no external load,
any channel enabled
2.6
2.9
3.2
V
HLDO_OUT to HGND, 1-mA external load
on HLDO_OUT,any channel enabled
2.4
2.8
3.1
IH
High-side supply current for
auxiliary circuitry
Load connected from HLDO_OUT to HGND
1
mA
(1)
Currents measured with SPI idle.
(2)
Specified by design and characterization, not production tested.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com