Electronic Components Datasheet Search
  English  ▼

X  

AMC131M02 Datasheet(PDF) 78 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 74Page - Texas Instruments AMC131M02 Datasheet HTML 75Page - Texas Instruments AMC131M02 Datasheet HTML 76Page - Texas Instruments AMC131M02 Datasheet HTML 77Page - Texas Instruments AMC131M02 Datasheet HTML 78Page - Texas Instruments AMC131M02 Datasheet HTML 79Page - Texas Instruments AMC131M02 Datasheet HTML 80Page - Texas Instruments AMC131M02 Datasheet HTML 81Page - Texas Instruments AMC131M02 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
To measure this shunt voltage, configure channel 0 of the AMC131M02 for gain = 32, which allows differential
voltage measurements of VIN1 = VAIN1P – VAIN1N = ±VREF / 8 = ±1.2 V / 32 = ±37.5 mV. The integrated charge
pump in the device allows voltage measurements 1.3 V below HGND while using a unipolar analog power
supply. This bipolar voltage measurement capability is important because one side of the shunt is connected to
the same ISO_GND potential as the HGND pin of the AMC131M02, which means that the absolute voltage that
the device must measure during the current measurement is up to 37.5 mV below HGND.
9.2.3 Application Curves
Electromagnetic interference (EMI) testing is common in many applications using the AMC131M02 to verify the
system does not produce radiated emissions that exceed the defined levels that can possibly negatively impact
other components or circuits in the system. See the Understanding electromagnetic compliance tests in digital
isolators white paper for a more in-depth description of EMI. The magnitude of acceptable radiation and testing
procedure for radiated emissions is put in place by the Comité International Spécial des Perturbations Radio,
also known as CISPR. Industrial applications measure according to the CISPR 11 standard, and automotive
applications measure to the CISPR 25 standard. For more information on the CISPR standards and the
respective magnitudes over frequency, see the An overview of radiated EMI specifications for power supplies
white paper.
Figure 9-6 and Figure 9-7 show the radiated emissions measurement for the AMC131M02 using the evaluation
module available at AMC131M03EVM.
The measurements were done following CISPR 11 requirements, that is in a in a semi-anechoic chamber using
a broadband antenna configured for horizontal and vertical polarizations with a 3-meter distance. The ADC is
receiving a continuous clock at the CLKIN pin, and is generating conversion results, however there is no SPI
communication while the emission profile is characterized.
Frequency (MHz)
30
40 50 6070
100
200
300 400500 700 1000
-10
0
10
20
30
40
50
60
RE Horizontal
CISPR11A
CISPR11B
Figure 9-6. AMC131M02 Horizontal Radiated
Emission CISPR11 Measurement
Frequency (MHz)
30
40 50 6070
100
200
300 400500 700 1000
-10
0
10
20
30
40
50
60
RE Vertical
CISPR11A
CISPR11B
Figure 9-7. AMC131M02 Vertical Radiated Emission
CISPR11 Measurement
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
78
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com