Electronic Components Datasheet Search
  English  ▼

X  

AMC131M02 Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 18Page - Texas Instruments AMC131M02 Datasheet HTML 19Page - Texas Instruments AMC131M02 Datasheet HTML 20Page - Texas Instruments AMC131M02 Datasheet HTML 21Page - Texas Instruments AMC131M02 Datasheet HTML 22Page - Texas Instruments AMC131M02 Datasheet HTML 23Page - Texas Instruments AMC131M02 Datasheet HTML 24Page - Texas Instruments AMC131M02 Datasheet HTML 25Page - Texas Instruments AMC131M02 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
8.3.9 Clocking and Power Modes
An LVCMOS clock must be provided at the CLKIN pin continuously when the AMC131M02 is running in normal
operation. The frequency of the clock can be scaled in conjunction with the power mode to provide a tradeoff
between power consumption and dynamic range.
The PWR[1:0] bits in the CLOCK register allow the device to be configured in one of two power modes:
high-resolution (HR) or low-power (LP) mode. Changing the PWR[1:0] bits scales the internal bias currents
to achieve the expected power levels. The external clock frequency must follow the guidance provided in the
Recommended Operating Conditions table corresponding to the intended power mode for the device to perform
according to the specification.
The main clock must be externally provided at the CLKIN pin. As shown in Figure 8-5, a user-programmable
clock divider divides the main clock to derive the internal modulator clock (MOD_CLK). By default, the main
clock provided at the CLKIN pin is divided by NDIV = 2 to generate a 50% duty cycle internal modulator clock. As
listed in Table 8-2, the divider ratio NDIV can be changed to values of 4, 8, and 12 using the CLK_DIV[1:0] bits in
the CLOCK register.
÷ by NDIV
(2, 4, 8 or 12)
CLKIN
CLK_DIV[1:0]
MOD_CLK
fCLKIN
fMOD
ADC
Figure 8-5. Programmable Clock Divider Block Diagram
Table 8-2. Modulator Clock Divider Selection
CLK_DIV[1:0]
NDIV FOR MOD_CLK AT ALL
CHANNELS
00b
2
01b
4
10b
8
11b
12
The clock frequency range of the internal DC/DC converter must be synchronized with the modulator clock
to minimize interference. To optimize the DC/DC converter internal clock, the actual frequency value of the
modulator clock must be written to the DCDC_CTRL register immediately after device power-up. The modulator
clock frequency is a result of the frequency provided at the CLKIN pin and the selected divider ratio (for example,
if a 4-MHz clock frequency is provided at the CLKIN pin, and the divider ratio is set to 4, then the frequency of
the modulator clock MOD_CLK is 1 MHz). The correct modulator clock frequency value must be configured in
the DCDC_CTRL register, as given in Table 8-3, by writing to the DCDC_FREQ[3:0] register bits immediately
after start-up.
An example calculation is:
• Main clock: fCLKIN = 8.192 MHz
• Divider ratio: NDIV= 4
• Resulting modulator clock: fCLKIN / NDIV = 2.048 MHz
• Modulator clock frequency is within the range: 1.926 MHz to 2.051 MHz; see Table 8-3
• Required DCDC_FREQ[3:0] bit setting: 1000b; see Table 8-3
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com