Electronic Components Datasheet Search
  English  ▼

X  

AMC131M02 Datasheet(PDF) 53 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 49Page - Texas Instruments AMC131M02 Datasheet HTML 50Page - Texas Instruments AMC131M02 Datasheet HTML 51Page - Texas Instruments AMC131M02 Datasheet HTML 52Page - Texas Instruments AMC131M02 Datasheet HTML 53Page - Texas Instruments AMC131M02 Datasheet HTML 54Page - Texas Instruments AMC131M02 Datasheet HTML 55Page - Texas Instruments AMC131M02 Datasheet HTML 56Page - Texas Instruments AMC131M02 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
8.6.2 STATUS Register (Address = 01h) [Reset = 0540h]
Return to the Summary Table.
Figure 8-32. STATUS Register
15
14
13
12
11
10
9
8
LOCK
F_RESYNC
REG_MAP
CRC_ERR
CRC_TYPE
RESET
WLENGTH[1:0]
R-0b
R-0b
R-0b
R-0b
R-0b
R-1b
R-01b
7
6
5
4
3
2
1
0
FUSE_FAIL
SEC_FAIL
RESERVED
DRDY1
DRDY0
R-0b
R-1b
R-0000b
R-0b
R-0b
Table 8-16. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
LOCK
R
0b
SPI interface lock indicator
Indicates the SPI interface is locked by the lock command. The bit is reset to 0b by the
unlock command.
0b = Unlocked
1b = Locked
14
F_RESYNC
R
0b
ADC resynchronization indicator
This bit is set each time the ADC resynchronizes. This bit is cleared by reading the STATUS
register, either by executing the NULL command or a RREG command accessing the
STATUS register.
0b = No resynchronization occurred
1b = Resynchronization occurred
13
REG_MAP
R
0b
Register map CRC fault indicator
Indicates a register map CRC fault occurred. This bit is cleared by reading the STATUS
register, either by executing the NULL command or a RREG command accessing the
STATUS register.
0b = No register map CRC fault occurred
1b = Register map CRC fault occurred
12
CRC_ERR
R
0b
SPI input CRC error indicator
Indicates a SPI input CRC fault occurred. This bit is cleared by reading the STATUS register,
either by executing the NULL command or a RREG command accessing the STATUS
register.
0b = No CRC error
1b = Input CRC error occurred
11
CRC_TYPE
R
0b
CRC type indicator
Indicates the CRC type. This bit is cleared by a device reset.
0b = 16-bit CCITT
1b = 16-bit ANSI
10
RESET
R
1b
Reset status indicator
The device reset indicator is triggered by the RESET pin, power-on-reset or the RESET
command. This bit is cleared by writing 0b to the RESET bit in the MODE register.
0b = Not reset
1b = Reset occurred
9:8
WLENGTH[1:0]
R
01b
Data word length indicator
Indicates the data word frame length. This bit is cleared by a device reset.
00b = 16 bit
01b = 24 bits
10b = 32 bits; zero padding
11b = 32 bits; MSB sign extension
7
FUSE_FAIL
R
0b
Fuse parity fault indicator
Indicates a fault of the internal memory. This bit is cleared by reading the STATUS register,
either by executing the NULL command or a RREG command accessing the STATUS
register. If the physical fault persists, the indicator is set again automatically.
0b = Fuse parity OK
1b = Fuse parity not OK
6
SEC_FAIL
R
1b
High-side supply fault indicator
Indicates a fault of the high-side output of the DC/DC converter, or a communication error
during the data transmission across the isolation barrier. This bit is cleared by reading the
STATUS register, either by executing the NULL command or a RREG command accessing
the STATUS register.
0b = High-side supply OK
1b = High-side supply not OK
5:2
RESERVED
R
0000b
Reserved
Always reads 0000b
1
DRDY1
R
0b
Channel 1 ADC data available indicator
0b = No new data available
1b = New data are available
0
DRDY0
R
0b
Channel 0 ADC data available indicator
0b = No new data available
1b = New data are available
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com