Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 34 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSPM0C1104SDYYR Datasheet HTML 30Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 31Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 32Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 33Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 34Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 35Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 36Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 37Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
• Target receiver or transmitter mode with configurable clock stretching
• Support Standard-mode (Sm), with a bit rate up to 100 kbit/s
• Support Fast-mode (Fm), with a bit rate up to 400 kbit/s
• Support Fast-mode Plus (Fm+), with a bit rate up to 1 Mbit/s
• Separated transmit and receive FIFOs
• Support SMBus 3.0 with PEC, ARP, timeout detection, and host support
• Wakeup from low-power mode on address match
• Support analog and digital glitch filter for input signal glitch suppression
For more details, see the I2C chapter of the MSPM0 C-Series 24-MHz Microcontrollers Technical Reference
Manual.
8.19 WWDT
The windowed watchdog timer (WWDT) can be used to supervise the operation of the device, specifically code
execution. The WWDT can be used to generate a reset or an interrupt if the application software does not
successfully reset the watchdog within a specified window of time. Key features of the WWDT include:
• 25-bit counter
• Programmable clock divider
• Eight software selectable watchdog timer periods
• Eight software selectable window sizes
• Support for stopping the WWDT automatically when entering a sleep mode
• Interval timer mode for applications which do not require watchdog functionality
For more details, see the WWDT chapter of the MSPM0 C-Series 24-MHz Microcontrollers Technical Reference
Manual
8.20 Timers (TIMx)
The timer peripherals in these devices support the following key features. For specific configuration, see Table
8-8.
Specific features for the general-purpose timer (TIMGx) include:
• 16-bit down, up/down, or up counter with repeat-reload mode
• Selectable and configurable clock source
• 8-bit programmable prescaler to divide the counter clock frequency
• Two independent channels for
– Output compare
– Input capture
– PWM output
– One-shot mode
• Support quadrature encoder interface (QEI) for positioning and movement sensing
• Support synchronization and cross trigger among different TIMx instances in the same power domain
• Support interrupt trigger generation and cross peripherals (such as ADC) trigger capability
• Cross-trigger event logic for Hall sensor inputs
Specific features for the advanced timer (TIMAx) include:
• 16-bit down or up-down counter, with repeat-reload mode
• Selectable and configurable clock source
• 8-bit programmable prescaler to divide the counter clock frequency
• Repeat counter to generate an interrupt or event only after a given number of cycles of the counter
• Up to four independent channels for
– Output compare
– Input capture
– PWM output
– One-shot mode
• Shadow register for load and CC register available
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com