Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 2 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 2 Page - Texas Instruments

  MSPM0C1104SDYYR Datasheet HTML 1Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 2Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 3Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 4Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 5Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 6Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 7Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 8Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
3 Description
MSPM0C110x microcontrollers (MCUs) are part of the MSP highly-integrated ultra-low-power 32-bit MCU family
based on the enhanced Arm® Cortex®-M0+ core platform operating at up to 24-MHz frequency. These cost-
optimized MCUs offer high-performance analog peripheral integration, support extended temperature ranges
from -40°C to 125°C, and operate with supply voltages from 1.62 V to 3.6 V.
The MSPM0C110x devices provide up to 16KB embedded flash program memory with 1KB SRAM. These
MCUs incorporate a high-speed on-chip oscillator with an accuracy up to ±1%, eliminating the need for
an external crystal. Additional features include a 1-channel DMA, CRC-16 accelerator, and a variety of high-
performance analog peripherals such as one 12-bit 1.5-Msps ADC with VDD as the voltage reference, and an
on-chip temperature sensor. These devices also offer intelligent digital peripherals such as one 16-bit advanced
timer, two 16-bit general purpose timer, one windowed watchdog timer, and a variety of communication
peripherals including one UART, one SPI, and one I2C. These communication peripherals offer protocol support
for LIN, IrDA, DALI, Manchester, smart card, SMBus, and PMBus.
The TI MSPM0 family of low-power MCUs consists of devices with varying degrees of analog and digital
integration let customers find the MCU that meets their project needs. The architecture combined with extensive
low-power modes is optimized to achieve extended battery life in portable measurement applications.
MSPM0C110x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get the design started quickly. Development kits include a LaunchPad™ kit available for
purchase and design files for a target-socket board. TI also provides a free MSP Software Development Kit
(SDK), which is available as a component of Code Composer Studio™ IDE desktop and cloud version within
the TI Resource Explorer. MSPM0 MCUs are also supported by extensive online collateral, training with MSP
Academy, and online support through the TI E2E™ support forums.
For complete module descriptions, see the MSPM0C-Series 24-MHz Microcontrollers Technical Reference
Manual.
CAUTION
System-level ESD protection must be applied in compliance with the device-level ESD specification
to prevent electrical overstress or disturbing of data or code memory. See MSP430™ System-Level
ESD Considerations for more information, as the principles in that application note also apply to
MSPM0 MCUs.
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com