Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSPM0C1104SDYYR Datasheet HTML 17Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 18Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 19Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 20Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 21Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 22Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 23Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 24Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
7.13 VREF
7.13.1 Voltage Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDmin
Minimum supply voltage needed for
VREF operation
BUFCONFIG = 1
1.62
V
BUFCONFIG = 0
2.7
VREF
Voltage reference output voltage
BUFCONFIG = 1
1.379
1.4
1.421
V
BUFCONFIG = 0
2.4625
2.5
2.5375
7.13.2 Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVREF
VREF operating supply current (this
spec is an estimation and will be
more reliable once the IP is further
in the design phase)
BUFCONFIG =
{0, 1}, No load
BUFCONFIG = {0, 1}, No load.
80
100
µA
TCVREF
Temperature coefficient of VREF (2)
BUFCONFIG =
{0, 1}
BUFCONFIG = {0, 1}
200 ppm/°C
TCdrift
Long term VREF drift
Time = 1000
hours,
BUFCONFIG =
{0, 1}, T = 25
℃
Time = 1000 hours, BUFCONFIG =
{0, 1}, T = 25
℃
300
ppm
Tstartup
VREF startup time
BUFCONFIG =
{0, 1} , VDD =
2.7 V
BUFCONFIG = {0, 1} , VDD = 2.7 V
10
us
(1)
The temperature coefficient of the VREF output is the sum of TCVRBUF and the temperature coefficient of the internal bandgap
reference.
7.14 I2C
7.14.1 I2C Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
Standard mode
Fast mode
Fast mode
plus
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fI2C
I2C input clock frequency
I2C in Power Domain0
24
24
24
MHz
fSCL
SCL clock frequency
100
400
1000
kHz
tHD,STA
Hold time (repeated) START
4
0.6
0.26
us
tLOW
LOW period of the SCL clock
4.7
1.3
0.5
us
tHIGH
High period of the SCL clock
4
0.6
0.26
us
tSU,STA
Setup time for a repeated START
4.7
0.6
0.26
us
tHD,DAT Data hold time
0
0
0
ns
tSU,DAT
Data setup time
250
100
50
ns
tSU,STO Setup time for STOP
4
0.6
0.26
us
tBUF
bus free time between a STOP
and START condition
4.7
1.3
0.5
us
tVD;DAT
data valid time
3.45
0.9
0.45
us
tVD;ACK data valid acknowledge time
3.45
0.9
0.45
us
www.ti.com
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com