Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 39 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSPM0C1104SDYYR Datasheet HTML 35Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 36Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 37Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 38Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 39Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 40Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 41Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 42Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
10 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
10.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all MSP
MCU devices and support tools. . Each MSP MCU commercial family member has one of two prefixes: MSP
or X. These prefixes represent evolutionary stages of product development from engineering prototypes (X)
through fully qualified production devices (MSP).
X – Experimental device that is not necessarily representative of the final device's electrical specifications
MSP – Fully qualified production device
X devices are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes." MSP devices have been characterized
fully, and the quality and reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X) have a greater failure rate than the standard production devices. TI
recommends that these devices not be used in any production system because their expected end-use failure
rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the temperature
range, package type, and distribution format. Figure 10-1 provides a legend for reading the complete device
name.
Processor Family
MCU Platform
Product Family
Device Subfamily
Flash Memory
Temperature range
Package Type
Distribution Format
MSP M0 C 110 4 S RUK R
Figure 10-1. Device Nomenclature
Table 10-1. Device Nomenclature
Processor Family
MSP = Mixed-signal processor
X= Experimental silicon
MCU Platform
M0 = Arm-based 32-bit M0+
Product Family
C = 24-MHz frequency
Device Subfamily
110 = ADC
Flash Memory
3 = 8KB
4 = 16KB
Temperature Range
S = –40°C to 125°C
Package Type
See Table 5-1 and www.ti.com/packaging
Distribution Format
T = Small reel
R = Large reel
No marking = Tube or tray
For orderable part numbers of MSP devices in different package types, see the Package Option Addendum of
this document, ti.com, or contact your TI sales representative.
www.ti.com
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com