Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 46 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSPM0C1104SDYYR Datasheet HTML 42Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 43Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 44Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 45Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 46Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 47Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 48Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 49Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed
0.15 per side.
4.
This dimension does not include interlead flash. Interlead flash shall not exceed 0.50 per side.
5.
Reference JEDEC Registration MO-345, Variation AA
PACKAGE OUTLINE
4224642/B 07/2021
SOT-23-THIN - 1.1 mm max height
PLASTIC SMALL OUTLINE
DYY0016A
A
0.1 C
B
PIN 1 INDEX
AREA
4.3
4.1
NOTE 3
2.1
1.9
3.36
3.16
14X 0.5
2X
3.5
16X 0.31
0.11
0.1
C A
B
1.1 MAX
C
SEATING PLANE
0.2
0.08 TYP
SEE DETAIL A
0.1
0.0
0.25
GAUGE PLANE
0°- 8°
0.63
0.33
DETAIL A
TYP
1
8
9
16
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com