Electronic Components Datasheet Search
  English  ▼

X  

MSPM0C1104SDYYR Datasheet(PDF) 18 Page - Texas Instruments

Part # MSPM0C1104SDYYR
Description  MSPM0C110x, MSPS003 Mixed-Signal Microcontrollers
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSPM0C1104SDYYR Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSPM0C1104SDYYR Datasheet HTML 14Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 15Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 16Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 17Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 18Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 19Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 20Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 21Page - Texas Instruments MSPM0C1104SDYYR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
7.10.1 Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
VDD = 3.3V
5
pF
VOH
High level output voltage
SDIO
VDD≥2.7V, |IIO|,max=6mA
VDD≥1.71V, |IIO|,max=2mA
Tj≤85 °C
VDD-0.4
V
VOH
High level output voltage
SDIO
VDD≥2.7V, |IIO|,max=6mA
VDD≥1.71V, |IIO|,max=2mA
Tj>85 °C
VDD-0.45
V
VOL
Low level output voltage
SDIO
VDD≥2.7V, |IIO|,max=6mA
VDD≥1.71V, |IIO|,max=2mA
Tj≤85 °C
0.4
V
VOL
Low level output voltage
SDIO
VDD≥2.7V, |IIO|,max=6mA
VDD≥1.71V, |IIO|,max=2mA
Tj>85 °C
0.45
V
VOL
Low level output voltage
ODIO
VDD≥2.7V, IOL,max=8mA
VDD≥1.71V, IOL,max=4mA
Tj≤85 °C
0.4
V
VOL
Low level output voltage
ODIO
VDD≥2.7V, IOL,max=8mA
VDD≥1.71V, IOL,max=4mA
Tj>85 °C
0.45
V
VOH
High level output voltage
SDIO
VDD ≥ 2.7V, IOH,max = 6mA
VDD-0.4
V
VOH
High level output voltage
SDIO
VDD ≥ 1.71V, IOH,max = 2mA
VDD-0.4
V
(1)
I/O Types: ODIO = 5V Tolerant Open-Drain , SDIO = Standard-Drive , HSIO = High-Speed
(2)
The leakage current is measured with VSS or VDD applied to the corresponding pins, unless otherwise noted.
(3)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
7.10.2 Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
fmax
Port output frequency
SDIO (1)
VDD ≥ 1.71V, CL= 20pF
24
MHz
fmax
Port output frequency
ODIO
VDD ≥ 1.71V, FM+, CL= 20pF - 100pF
1
MHz
tr,tf
Output rise/fall time
All output ports
except ODIO
VDD ≥ 1.71V
0.3*fmax
s
tf
Output fall time
ODIO
VDD ≥ 1.71V, FM+, CL= 20pF-100pF
20*VDD/5.5
120
ns
(1)
I/O Types: ODIO = 5V Tolerant Open-Drain , SDIO = Standard-Drive , HSIO = High-Speed , HDIO = High-Drive
7.11 ADC
7.11.1 Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted), all TYP values are
measured at 25
℃ and all accuracy parameters are measured using 12-bit resolution mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vin(ADC)
Analog input voltage range(1)
Applies to all ADC analog input pins
0
VDD
V
VR+
Positive ADC reference voltage
VR+ sourced from VDD
VDD
V
VR+ sourced from internal reference (VREF)
VREF
V
VR-
Negative ADC reference voltage
0
V
Fs
ADC sampling frequency
RES = 0x0 (12-bit mode), VDD Reference
1.5
Msps
RES = 0x1 (10-bit mode), VDD Reference
1.7
RES = 0x2 (8-bit mode), VDD Reference
2
MSPM0C1104, MSPM0C1103
SLASF90 – OCTOBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MSPM0C1104 MSPM0C1103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com