Electronic Components Datasheet Search
  English  ▼

X  

AD82587D Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Description  2X20W Stereo / 1X40W Mono Digital Audio Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82587D Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ESMT
AD82587D
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.6
13/45
Total Harmonic Distortion + Noise vs. Frequency (Mono)
Frequency (Hz)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20k
50
100
200
500
1k
2k
5k
10k
20W
10W
5W
2W
1W
24V, 4Ω
Mono
Frequency Response (Mono)
Frequency (Hz)
-1
+1
-0.8
-0.6
-0.4
-0.2
+0
+0.2
+0.4
+0.6
+0.8
-1
+1
-0.8
-0.6
-0.4
-0.2
+0
+0.2
+0.4
+0.6
+0.8
20
20k
50
100
200
500
1k
2k
5k
10k
24V, 4Ω
Mono
PO=1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com