Electronic Components Datasheet Search
  English  ▼

X  

AD82587D Datasheet(PDF) 17 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Description  2X20W Stereo / 1X40W Mono Digital Audio Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet(HTML) 17 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82587D Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
ESMT
AD82587D
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.6
17/45
Operation Description
 Reset
When the RESET pin is lowered, AD82587D will clear the stored data and reset the register table to
default values. AD82587D will exit reset state at the 256
th MCLK cycle after the RESET pin is raised to
high.
 Power down control
AD82587D has a built-in volume fade-in/fade-out design for PD/Mute function. The relative PD timing
diagrams for loudspeakers are shown below.
Volume Level
time
+24 dB
-103 dB
Fade out
time
Fade in
time
Mute
state
PD enabled
PD disabled
Original level
Volume Level
time
+24 dB
-103 dB
Fade out
time
Fade in
time
PD enabled
PD disabled
Original level
)
96
/
1
(
512
)
10
10
(
80
)
(
80
)
(
arg
K
x
x
dB
or iginal
dB
et
t
The volume level will be decreased to -∞dB in several LRCIN cycles. Once the fade-out procedure is
finished, AD82587D will turn off the power stages, clock signals (for digital circuits) and current (for analog
circuits). After PD pin is pulled low, AD82587D requires Tfade to finish the forementioned work before
entering power down state. Users can not program AD82587D during power down state. Also, all settings in
the registers will remain intact unless DVDD is removed.
If the PD signal is removed during the fade-out procedure (above, right figure), AD82587D will still execute
the fade-in procedure. In addition, AD82587D will establish the analog circuits
’ bias current and send the
clock signals to digital circuits. Afterwards, AD82587D will return to its normal status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com