Electronic Components Datasheet Search
  English  ▼

X  

AD82587D Datasheet(PDF) 33 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Description  2X20W Stereo / 1X40W Mono Digital Audio Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet(HTML) 33 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82587D Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
ESMT
AD82587D
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.6
33/45
 Address 0X10 : Top 5 bits of attack threshold for Dynamic Range Control (DRC)
The AD82587D provides dynamic range control function. When the input RMS exceeds the programmable
attack threshold value, the output power will be limited by this threshold power level via gradual gain
reduction. Attack threshold is defined by 21-bit representation composed of registers controlled by I2C. The
device addresses of DRC attack threshold are 0X10, 0X11, and 0X12.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:5]
X
Reserved
B[4:0]
ATT[4:0]
Top 5 Bits of Attack
Threshold
X
User programmed
01000
0dB
 Address 0X11 : Middle 8 bits of attack threshold
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:0]
ATM[7:0]
Middle 8 Bits of Attack
Threshold
X
User programmed
00000000
0dB
 Address 0X12 : Bottom 8 bits of attack threshold
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:0]
ATB[7:0]
Bottom 8 bits of attack
threshold
X
User programmed
00000000
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com