Electronic Components Datasheet Search
  English  ▼

X  

AD82587D Datasheet(PDF) 34 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Description  2X20W Stereo / 1X40W Mono Digital Audio Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet(HTML) 34 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82587D Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ESMT
AD82587D
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.6
34/45
 Address 0X13 : Top 8 bits of power clipping
The AD82587D provides power clipping function to avoid excessive signal that may destroy loud speaker.
The power clipping level is defined by 21-bit representation composed of registers controlled by I2C. The
device addresses of power clipping threshold are 0X13, 0X14, and 0X15.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:5]
X
Reserved
B[4:0]
PCT[4:0]
Top 5 Bits of Power
Clipping Level
X
User programmed
01000
0dB
 Address 0X14 : Middle 8 bits of power clipping
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:0]
PCM[7:0]
Middle 8 Bits of Power
Clipping Level
X
User programmed
00000000
0dB
 Address 0X15 : Bottom 8 bits of power clipping level
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:0]
PCB[7:0]
Bottom 8 Bits of Power
Clipping Level
X
User programmed
00000000
0dB
The following table shows the power clipping level
’s numerical representation.
Sample calculation for power clipping
Max
amplitude
dB
Linear
Decimal
Hex
(2.19 format)
PVDD
0
1
524288
80000
PVDD*0.707
-3
0.707
370727
5A827
PVDD*0.5
-6
0.5
262144
40000
PVDD*L
x
L=10
(x/20)
D=524288xL
H=dec2hex(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com