Electronic Components Datasheet Search
  English  ▼

X  

AD82587D Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Description  2X20W Stereo / 1X40W Mono Digital Audio Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD82587D Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD82587D Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ESMT
AD82587D
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.6
2/45
Pin Assignment (Top View)
MCLK
CLK_OUT
DVDD
DGND
DEF
SDATA
SDA
1
2
3
4
5
6
7
8
9
DVDD
DGND
N.C.
N.C.
VDDLA
VDDRA
AD82587D
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
PLL
SDA
LRCIN
RESET
SCL
SDATA
VDDLA
VDDRA
GNDL
LA
VDDLB
LB
NC
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
9
10
11
12
17
16
15
14
13
SA0
VSS
VDD
BCLK
GNDR
VDDRB
RB
NC
MCLK
RA
E-TSSOP-24L
PD
ERROR
E-LQFP-48L
AD82587D
Pin Description
NAME
E-LQFP
48L
E-TSSOP
24L
TYPE
DESCRIPTION
CHARACTERISTICS
VDDLA
1
24
P
Left channel supply A
N.C.
2
NA
NC
N.C.
3
NA
NC
N.C.
4
NA
NC
N.C.
5
NA
NC
PLL
6
NA
I
PLL enable, low active
Schmitt trigger TTL input buffer
MCLK
7
11
I
Master clock input
Schmitt trigger TTL input buffer
CLK_OUT
8
NA
O
Clock output from PLL
TTL output buffer
DGND
9
NA
P
Digital Ground
DVDD
10
NA
P
Digital Power
DEF
11
NA
I
Default volume setting
Schmitt trigger TTL input buffer
SDATA
12
3
I
Serial audio data input
Schmitt trigger TTL input buffer
N.C.
13
NA
NC
MONO
14
NA
I
MONO mode enable, high active Schmitt trigger TTL input buffer
LRCIN
15
4
I
Left/Right clock input (Fs)
Schmitt trigger TTL input buffer
BCLK
16
12
I
Bit clock input (64Fs)
Schmitt trigger TTL input buffer
PD
17
1
I
Power down, low active
Schmitt trigger TTL input buffer
ERROR
18
2
O
Error status, low active
Open-drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com