Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8021ARM Datasheet HTML 1Page - Analog Devices AD8021ARM Datasheet HTML 2Page - Analog Devices AD8021ARM Datasheet HTML 3Page - Analog Devices AD8021ARM Datasheet HTML 4Page - Analog Devices AD8021ARM Datasheet HTML 5Page - Analog Devices AD8021ARM Datasheet HTML 6Page - Analog Devices AD8021ARM Datasheet HTML 7Page - Analog Devices AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8021
Rev. F | Page 4 of 28
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
Disabled Leakage Current
LOGIC REFERENCE = 0.4 V
30
μA
DISABLE = 0.4 V
33
μA
POWER SUPPLY
Operating Range
±2.25
±5
±12.0
V
Quiescent Current
Output enabled
7.0
7.7
mA
Output disabled
1.3
1.6
mA
+Power Supply Rejection Ratio
VCC = 4 V to 6 V, VEE = −5 V
−86
−95
dB
−Power Supply Rejection Ratio
VCC = 5 V, VEE = −6 V to −4 V
−86
−95
dB
VS = ±12 V, @ TA = 25°C, RL = 1 kΩ, gain = +2, unless otherwise noted.
Table 2.
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
G = +1, CC = 10 pF, VO = 0.05 V p-p
520
560
MHz
G = +2, CC = 7 pF, VO = 0.05 V p-p
175
220
MHz
G = +5, CC = 2 pF, VO = 0.05 V p-p
170
200
MHz
G = +10, CC = 0 pF, VO = 0.05 V p-p
125
165
MHz
Slew Rate, 1 V Step
G = +1, CC = 10 pF
105
130
V/μs
G = +2, CC = 7 pF
140
170
V/μs
G = +5, CC = 2 pF
265
340
V/μs
G = +10, CC = 0 pF
400
460
V/μs
Settling Time to 0.01%
VO = 1 V step, RL = 500 Ω
21
ns
Overload Recovery (50%)
±6 V input step, G = +2
90
ns
DISTORTION/NOISE PERFORMANCE
f = 1 MHz
HD2
VO = 2 V p-p
−95
dBc
HD3
VO = 2 V p-p
−116
dBc
f = 5 MHz
HD2
VO = 2 V p-p
−71
dBc
HD3
VO = 2 V p-p
−83
dBc
Input Voltage Noise
f = 50 kHz
2.1
2.6
nV/√Hz
Input Current Noise
f = 50 kHz
2.1
pA/√Hz
Differential Gain Error
NTSC, RL = 150 Ω
0.03
%
Differential Phase Error
NTSC, RL = 150 Ω
0.04
Degrees
DC PERFORMANCE
Input Offset Voltage
0.4
1.0
mV
Input Offset Voltage Drift
TMIN to TMAX
0.2
μV/°C
Input Bias Current
+Input or −input
8
11.3
μA
Input Bias Current Drift
10
nA/°C
Input Offset Current
0.1
0.5
±μA
Open-Loop Gain
84
88
dB
INPUT CHARACTERISTICS
Input Resistance
10
MΩ
Common-Mode Input Capacitance
1
pF
Input Common-Mode Voltage Range
−11.1 to +11.6
V
Common-Mode Rejection Ratio
VCM = ±10 V
−86
−96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com