Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 22 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 18Page - Analog Devices AD8021ARM Datasheet HTML 19Page - Analog Devices AD8021ARM Datasheet HTML 20Page - Analog Devices AD8021ARM Datasheet HTML 21Page - Analog Devices AD8021ARM Datasheet HTML 22Page - Analog Devices AD8021ARM Datasheet HTML 23Page - Analog Devices AD8021ARM Datasheet HTML 24Page - Analog Devices AD8021ARM Datasheet HTML 25Page - Analog Devices AD8021ARM Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8021
Rev. F | Page 22 of 28
DRIVING 16-BIT ADCs
Low noise and adjustable compensation make the AD8021
especially suitable as a buffer/driver for high resolution ADCs.
As seen in Figure 19, the harmonic distortion is better than 90 dBc
at frequencies between 100 kHz and 1 MHz. This is an
advantage for complex waveforms that contain high frequency
information, because the phase and gain integrity of the sampled
waveform can be preserved throughout the conversion process.
The increase in loop gain results in improved output regulation
and lower noise when the converter input changes state during
a sample. This advantage is particularly apparent when using
16-bit high resolution ADCs with high sampling rates.
Figure 63 shows a typical ADC driver configuration. The
AD8021 is in an inverting gain of −7.5, fC is 65 kHz, and its
output voltage is 10 V p-p. The results are listed in Table 7.
+
–
IN
HI
IN
HI
50
Ω
RG
200
Ω
56pF
RF
1.5k
Ω
CC
10pF
–12V
AD7665
570kSPS
+5V
6
5
3
2
590
Ω
+12V
AD8021
Figure 63. Inverting ADC Driver, Gain = −7.5, fC = 65 kHz
Table 7. Summary of ADC Driver Performance (fC = 65 kHz,
VOUT = 10 V p-p)
Parameter
Measurement
Unit
Second Harmonic Distortion
−101.3
dBc
Third Harmonic Distortion
−109.5
dBc
THD
−100.0
dBc
SFDR
+100.3
dBc
Figure 64 shows another ADC driver connection. The circuit
was tested with a noninverting gain of 10.1 and an output
voltage of approximately 20 V p-p for optimum resolution and
noise performance. No filtering was used. An FFT was
performed using Analog Devices evaluation software for the
AD7665 16-bit converter. The results are listed in Table 8.
50
Ω
+5V
AD8021
+
–
–12V
+12V
AD7665
570kSPS
50
Ω
3
2
RF
750
Ω
OPTIONAL CF
IN
LO
IN
6
50
Ω
HI
ADC
CC
5
RG
82.5
Ω
Figure 64. Noninverting ADC Driver, Gain = 10, fC = 100 kHz
Table 8. Summary of ADC Driver Performance
(fC = 100 kHz, VOUT = 20 V p-p)
Parameter
Measurement
Unit
Second Harmonic Distortion
−92.6
dBc
Third Harmonic Distortion
−86.4
dBc
THD
−84.4
dBc
SFDR
+5.4
dBc
DIFFERENTIAL DRIVER
The AD8021 is uniquely suited as a low noise differential driver
for many ADCs, balanced lines, and other applications requiring
differential drive. If pairs of internally compensated op amps are
configured as inverter and follower, the noise gain of the inverter
is higher than that of the follower section, resulting in an
imbalance in the frequency response (see Figure 66).
A better solution takes advantage of the external compensation
feature of the AD8021. By reducing the CCOMP value of the
inverter, its bandwidth can be increased to match that of the
follower, avoiding compromises in gain bandwidth and phase
delay. The inverting and noninverting bandwidths can be
closely matched using the compensation feature, thus
minimizing distortion.
Figure 65 illustrates an inverter-follower driver circuit operating
at a gain of 2, using individually compensated AD8021s. The
values of feedback and load resistors were selected to provide a
total load of less than 1 kΩ, and the equivalent resistances seen
at each op amp’s inputs were matched to minimize offset voltage
and drift. Figure 67 is a plot of the resulting ac responses of
driver halves.
AD8021
+
–
3
2
6
7pF
249
Ω
499
Ω
G = +2
499
Ω
49.9
Ω
1k
Ω
VOUT1
5
–VS
AD8021
+
–
3
2
6
5pF
232
Ω
G = –2
664
Ω
1k
Ω
VOUT2
5
–VS
332
Ω
VIN
Figure 65. Differential Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com