Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices AD8021ARM Datasheet HTML 11Page - Analog Devices AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices AD8021ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8021
Rev. F | Page 12 of 28
fC = 5MHz
fC = 1MHz
1
–60
–90
–100
–70
–80
–120
–50
–110
THIRD
SECOND
SECOND
THIRD
VOUT (V p-p)
23
4
5
6
Figure 23. Second and Third Harmonic Distortion vs. VOUT and
Fundamental Frequency (fC), G = +2
1
–50
–80
–90
–60
–70
–110
–40
–100
THIRD
SECOND
SECOND
THIRD
VOUT (V p-p)
23
4
5
6
fC = 5MHz
fC = 1MHz
Figure 24. Second and Third Harmonic Distortion vs. VOUT and
Fundamental Frequency (fC), G = +10
0
400
800
–90
–110
–80
200
600
1000
–120
–70
–100
FEEDBACK RESISTANCE (
Ω)
fC = 1MHz
RL = 1kΩ
RF = RG
G = +2
THIRD
SECOND
Figure 25. Second and Third Harmonic Distortion vs. Feedback Resistor (RF)
0
800
1600
3.2
2.9
3.4
400
1200
2000
2.8
3.5
3.1
3.3
3.0
–3.4
–3.7
–3.2
–3.8
–3.1
–3.5
–3.3
–3.6
NEGATIVE OUTPUT
POSITIVE OUTPUT
LOAD (
Ω)
Figure 26. DC Output Voltages vs. Load (See Figure 48)
–50
–10
30
–30
10
50
70
90
110
60
0
100
120
40
80
20
VS = ±12V
VS = ±5.0V
VS = ±2.5V
TEMPERATURE (°C)
Figure 27. Short-Circuit Current to Ground vs. Temperature
G = 2
RL = 1kΩ, 150Ω
50
40
30
20
10
–10
–20
–30
–40
–50
120
160
200
TIME (ns)
80
40
0
Figure 28. Small Signal Transient Response vs.
RL, VO = 50 mV p-p, Noninverting (See Figure 49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com