Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 24 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 20Page - Analog Devices AD8021ARM Datasheet HTML 21Page - Analog Devices AD8021ARM Datasheet HTML 22Page - Analog Devices AD8021ARM Datasheet HTML 23Page - Analog Devices AD8021ARM Datasheet HTML 24Page - Analog Devices AD8021ARM Datasheet HTML 25Page - Analog Devices AD8021ARM Datasheet HTML 26Page - Analog Devices AD8021ARM Datasheet HTML 27Page - Analog Devices AD8021ARM Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8021
Rev. F | Page 24 of 28
OBE
0.1
1000
10
100
FREQUENCY (MHz)
18
16
14
12
10
8
6
4
2
0
499
Ω
499
Ω
1k
Ω
49.9
Ω
49.9
Ω
CC
33pF
FET
PR
–VS
RSNUB
+VS
5
6
1.0
CC = 7pF;
RSNUB = 0Ω
CC = 8pF;
RSNUB = 0Ω
CC = 8pF;
RSNUB = 17.4Ω
RL
Figure 70. Peaking vs. RSNUB and CC for CL = 33 pF
20
18
16
14
12
10
8
6
4
2
0
CAPACITIVE LOAD (pF)
0
5
10
20
25
30
35
40
45
50
15
Figure 71. Relationship of RSNUB vs. C
B
L
for 2 dB Peaking at a Gain of +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com